Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0202MA2BL2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # X0202MA2BL2
Description  1.25 A sensitive gate SCR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0202MA2BL2 Datasheet(HTML) 4 Page - STMicroelectronics

  X0202MA2BL2 Datasheet HTML 1Page - STMicroelectronics X0202MA2BL2 Datasheet HTML 2Page - STMicroelectronics X0202MA2BL2 Datasheet HTML 3Page - STMicroelectronics X0202MA2BL2 Datasheet HTML 4Page - STMicroelectronics X0202MA2BL2 Datasheet HTML 5Page - STMicroelectronics X0202MA2BL2 Datasheet HTML 6Page - STMicroelectronics X0202MA2BL2 Datasheet HTML 7Page - STMicroelectronics X0202MA2BL2 Datasheet HTML 8Page - STMicroelectronics X0202MA2BL2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
X02
4/11
Doc ID 7480 Rev 4
Figure 5.
Relative variation of triggering,
holding and latching current versus
junction temperature
Figure 6.
Relative variation of holding
current versus gate-cathode
resistance (typical values)
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-40
-20
0
20
40
60
80
100
120
140
IGT
T (°C)
j
IH & I
R
= 1k
L
GK
Ω
Typical values
I [R
] / I [
=1k ]
HGK
H
Ω
RGK
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.E-02
1.E-01
1.E+00
1.E+01
Tj=25
R(k )
GK
Ω
Figure 7.
Relative variation of dV/dt immunity
versus gate-cathode resistance
(typical values)
Figure 8.
Relative variation of dV/dt immunity
versus gate-cathode capacitance
(typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
dV/dt[R
] / dV/dt[
=1k ]
GK
Ω
RGK
Tj = 125°C
V = 0.67 x V
D
DRM
R(k )
GK
Ω
20
18
16
14
12
10
8
6
4
2
0
0
24
68
10
12
14
16
18
20
22
C
(nF)
GK
dV/dt[C
] / dV/dt[
=1k ]
GK
Ω
RGK
T
V = 0.67 x V
= 125°C
R
= 1k
D
DRM
GK
j
Ω
Figure 9.
Surge peak on-state current
versus number of cycles
Figure 10.
Non repetitive surge peak on state
current for a sinusoidal pulse and
corresponding value of I2T
1
10
100
1000
0
5
10
15
20
25
I
(A)
TSM
Number of cycles
Non repetitive
T initial=25°C
j
Repetitive
T
=25°C
amb
t =10ms
p
One cycle
1.00
10.00
0.10
0.01
300
100
10
1
I
(A), I t (A s)
TSM
22
T initial = 25°C
j
I t
2
ITSM
t (ms)
p
dI/dt limitation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com