Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0202MN5BA4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # X0202MN5BA4
Description  1.25 A sensitive gate SCR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0202MN5BA4 Datasheet(HTML) 1 Page - STMicroelectronics

  X0202MN5BA4 Datasheet HTML 1Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 2Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 3Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 4Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 5Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 6Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 7Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 8Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
January 2011
Doc ID 7480 Rev 4
1/11
11
X02
1.25 A sensitive gate SCR
Features
■ on-state rms current: 1.25 A
■ repetitive peak off-state voltage: 600 V and
800 V
■ gate triggering current: 50 and 200 µA
Applications
■ ground fault circuit interrupters
■ overvoltage crowbar protection in power
supplies
■ capacitive ignition circuits
Description
The X02 SCR can be used as the on/off function
in applications where topology does not offer high
current for gate triggering.
This device is optimized in forward voltage drop
and inrush current capabilities for reduced power
losses and high reliability in harsh environments.
A
K
G
A
A
K
G
A
K
G
A
K
G
SOT-223
X02xxN
TO-92
X02xxA
SMBflat-3L
X0202NUF
Table 1.
Device summary
Order code
Voltage
Sensitivity µA
Package
600 V
800 V
X0202MA
Y
200
TO-92
X0202MN
Y
200
SOT-223
X0202NA
Y
200
TO-92
X0202NN
Y
200
SOT-223
X0205MA
Y
50
TO-92
X0205NA
Y
50
TO-92
X0202NUF
Y
200
SMBflat-3L
www.st.com


Similar Part No. - X0202MN5BA4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0202MN5BA4 STMICROELECTRONICS-X0202MN5BA4 Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
More results

Similar Description - X0202MN5BA4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
SENSITIVE GATE SCR
Jan-1995
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
0.8 A sensitive gate SCR
03-May-2012
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
SENSITIVE GATE SCR
Jan-1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com