Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT715PC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ACT715PC
Description  Programmable Video Sync Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715PC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACT715PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT715PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT715PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT715PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT715PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT715PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT715PC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT715PC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT715PC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.fairchildsemi.com
Register Description
All of the data registers are 12 bits wide. Width’s of all
pulses are defined by specifying the start count and end
count of all pulses. Horizontal pulses are specified with-
respect-to the number of clock pulses per line and vertical
pulses are specified with-respect-to the number of lines per
frame.
REG0—STATUS REGISTER
The Status Register controls the mode of operation, the
signals that are output and the polarity of these outputs.
The default value for the Status Register is 0 (000 Hex) for
the ACT715 and is “1024” (400 Hex) for the ACT715-R.
Bits 0–2
Bits 3–4
Double Equalization and Serration mode will output equal-
ization and serration pulses at twice the HSYNC frequency
(i.e., 2 equalization or serration pulses for every HSYNC
pulse). Single Equalization and Serration mode will output
an equalization or serration pulse for every HSYNC pulse.
In Interlaced mode equalization and serration pulses will be
output during the VBLANK period of every odd and even
field. Interlaced Single Equalization and Serration mode is
not possible with this part.
Bits 5–8
Bits 5 through 8 control the polarity of the outputs. A value
of zero in these bit locations indicates an output pulse
active LOW. A value of 1 indicates an active HIGH pulse.
B5—
VCBLANK Polarity
B6—
VCSYNC Polarity
B7—
HBLHDR Polarity
B8—
HSYNVDR Polarity
Bits 9–11
Bits 9 through 11 enable several different features of the
device.
B9—
Enable Equalization/Serration Pulses (0)
Disable Equalization/Serration Pulses (1)
B10—
Disable System Clock (0)
Enable System Clock (1)
Default values for B10 are “0” in the ACT715
and “1” in the ACT715-R.
B11—
Disable Counter Test Mode (0)
Enable Counter Test Mode (1)
This bit is not intended for the user but is for
internal testing only.
HORIZONTAL INTERVAL REGISTERS
The Horizontal Interval Registers determine the number of
clock cycles per line and the characteristics of the Horizon-
tal Sync and Blank pulses.
REG1—
Horizontal Front Porch
REG2—
Horizontal Sync Pulse End Time
REG3—
Horizontal Blanking Width
REG4—
Horizontal Interval Width
# of Clocks
per Line
VERTICAL INTERVAL REGISTERS
The Vertical Interval Registers determine the number of
lines per frame, and the characteristics of the Vertical Blank
and Sync Pulses.
REG5—
Vertical Front Porch
REG6—
Vertical Sync Pulse End Time
REG7—
Vertical Blanking Width
REG8—
Vertical Interval Width
# of Lines
per Frame
EQUALIZATION AND SERRATION PULSE
SPECIFICATION REGISTERS
These registers determine the width of equalization and
serration pulses and the vertical interval over which they
occur.
REG 9—
Equalization Pulse Width End Time
REG10—
Serration Pulse Width End Time
REG11—
Equalization/Serration Pulse Vertical
Interval Start Time
REG12—
Equalization/Serration Pulse Vertical
Interval End Time
VERTICAL INTERRUPT SPECIFICATION REGISTERS
These Registers determine the width of the Vertical Inter-
rupt signal if used.
REG13—
Vertical Interrupt Activate Time
REG14—
Vertical Interrupt Deactivate Time
CURSOR LOCATION REGISTERS
These 4 registers determine the cursor position location, or
they generate separate Horizontal and Vertical Gating sig-
nals.
REG15—
Horizontal Cursor Position Start Time
REG16—
Horizontal Cursor Position End Time
REG17—
Vertical Cursor Position Start Time
REG18—
Vertical Cursor Position End Time
B2 B1 B0 VCBLANK VCSYNC HBLHDR HSYNVDR
0
0
0
CBLANK
CSYNC
HGATE
VGATE
(DEFAULT)
0
0
1
VBLANK
CSYNC
HBLANK
VGATE
0
1
0
CBLANK
VSYNC
HGATE
HSYNC
0
1
1
VBLANK
VSYNC
HBLANK
HSYNC
1
0
0
CBLANK
CSYNC
CUSOR
VINT
1
0
1
VBLANK
CSYNC
HBLANK
VINT
1
1
0
CBLANK
VSYNC
CUSOR
HSYNC
1
1
1
VBLANK
VSYNC
HBLANK
HSYNC
B4
B3
Mode of Operation
0
0
Interlaced Double Serration and
(DEFAULT)
Equalization
0
1
Non Interlaced Double Serration
1
0
Illegal State
1
1
Non Interlaced Single Serration and Equalization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com