Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8043 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8043
Description  Safety Products for Eye, Head and Face Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8043 Datasheet(HTML) 1 Page - 3M Electronics

  8043 Datasheet HTML 1Page - 3M Electronics 8043 Datasheet HTML 2Page - 3M Electronics 8043 Datasheet HTML 3Page - 3M Electronics 8043 Datasheet HTML 4Page - 3M Electronics 8043 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Stylish eyewear that puts
safety first.
Introducing the new 3MTM Protective
Eyewear 1750, 1751, 1752 and 1760.
The new 3M Protective Eyewear
features lightweight frames, a
contemporary look and high
quality protection.
Features Include:
• Sporty, wraparound design helps
provide side protection.
• Strong, polycarbonate lenses are
shatter resistant.
• Anti-scratch coating helps keep
lenses crystal clear.
• 99% UV protection for safe,
outdoor use.
• Each pair of eyewear is
individually bagged.
• Models 1750, 1751 and 1752
feature soft, gel-like nosepieces
and soft temples with rubber tips
for long wear comfort.
• ANSI compliant to help provide
limited eye and face protection
against flying particles.
Description:
1750 —grey frame, with clear lens
1751— grey frame, smoke lens
1752 — blue frame, mirrored,
indoor/outdoor lens
1760 — clear frame, clear lens
All 3M Protective Eyewear
models meet both physical
and optical requirements of the
ANSI Z87.1-2003 Standard as
high impact protectors. New
ANSI high impact marking
requirements will be phased-in
during production in 2004.
3MTM Protective Eyewear
products are also available
in several other styles and
lens options. They offer
wearer comfort and safety.
See page 2 for additional 3M
Protective Eyewear offerings.
3MTM Safety Glasses
3MTM Safety Glasses are available
in a variety of colors and with
several lens options. See Ordering
Information table on page 5 for
color and lens options.
Lens Options
• Clear lenses are not tinted and
are ideal for indoor use.
• Amber lenses are tinted to
help enhance visual contrast.
Recommended for low light
applications or other situations
where greater contrast is desired.
• Smoke lenses are shaded for
greater comfort in bright sunlight.
• Mirror lenses feature a silver
reflective finish on the outside
of the lens.
3MTM Safety Glasses
NE
W
!
New 3M
TM Protective Eyewear Products — 2004
Issue Date 03/01/04
Safety Products for Eye,
Head and Face Protection
8043
page 1 of 5
3
1760
1750
1751
1752


Similar Part No. - 8043

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8043-440-SS RAF-8043-440-SS Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Festo Corporation.
8043213 FESTO-8043213 Datasheet
101Kb / 2P
Air solenoid valve
8043214 FESTO-8043214 Datasheet
101Kb / 2P
Air solenoid valve
8043215 FESTO-8043215 Datasheet
99Kb / 2P
Air solenoid valve
8043217 FESTO-8043217 Datasheet
92Kb / 2P
Air solenoid valve
More results

Similar Description - 8043

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1004 LITTELFUSE-SP1004_10 Datasheet
408Kb / 6P
SPA??Silicon Protection Array Products 5pF Bidirectional TVS Array for ESD Protection
SP1010 LITTELFUSE-SP1010_10 Datasheet
399Kb / 5P
SPA??Silicon Protection Array Products 3.5pF Unidirectional TVS Array for ESD Protection
logo
Freescale Semiconductor...
PCIMX515DJM8C FREESCALE-PCIMX515DJM8C Datasheet
4Mb / 202P
Processors for Consumer and Industrial Products
logo
Broadcom Corporation.
CVPM02 BOARDCOM-CVPM02 Datasheet
449Kb / 19P
MegaRAID짰 CacheVault??Protection Products
logo
3M Electronics
PK39 3M-PK39 Datasheet
83Kb / 4P
Fire Protection Products
E-5A-4 3M-E-5A-4 Datasheet
186Kb / 6P
Fire Protection Products
by
E-54A 3M-E-54A Datasheet
157Kb / 3P
Fire Protection Products
MAT1-10 3M-MAT1-10 Datasheet
142Kb / 4P
Fire Protection Products 3M??Interam?
logo
Taiyo Yuden (U.S.A.), I...
MAASJ168SB7225KTCA01 TAIYO-YUDEN-MAASJ168SB7225KTCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
MAASL063SB7681KFCA01 TAIYO-YUDEN-MAASL063SB7681KFCA01 Datasheet
294Kb / 2P
Multilayer Ceramic Capacitors (High dielectric type) for Automotive Powertrain and Safety (Cu external electrode products)
2022.04.05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com