Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC7SET02 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # XC7SET02
Description  High-speed Si-gate CMOS device, 2-input NOR function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SET02 Datasheet(HTML) 2 Page - NXP Semiconductors

  XC7SET02 Datasheet HTML 1Page - NXP Semiconductors XC7SET02 Datasheet HTML 2Page - NXP Semiconductors XC7SET02 Datasheet HTML 3Page - NXP Semiconductors XC7SET02 Datasheet HTML 4Page - NXP Semiconductors XC7SET02 Datasheet HTML 5Page - NXP Semiconductors XC7SET02 Datasheet HTML 6Page - NXP Semiconductors XC7SET02 Datasheet HTML 7Page - NXP Semiconductors XC7SET02 Datasheet HTML 8Page - NXP Semiconductors XC7SET02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
XC7SET02_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 31 August 2009
2 of 11
NXP Semiconductors
XC7SET02
2-input NOR gate
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Table 2.
Marking codes
Type number
Marking[1]
XC7SET02GW
gB
XC7SET02GV
g02
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna103
B
A
Y
2
1
4
mna104
4
≥ 1
2
1
mna105
B
A
Y
Fig 4.
Pin configuration SOT353-1 and SOT753
XC7SET02
BVCC
A
GND
Y
001aak136
1
2
3
5
4
Table 3.
Pin description
Symbol
Pin
Description
B
1
data input B
A
2
data input A
GND
3
ground (0 V)
Y
4
data output Y
VCC
5
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com