Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC7SET08 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # XC7SET08
Description  High-speed Si-gate COMS device, 2-input AND function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7SET08 Datasheet(HTML) 2 Page - NXP Semiconductors

  XC7SET08 Datasheet HTML 1Page - NXP Semiconductors XC7SET08 Datasheet HTML 2Page - NXP Semiconductors XC7SET08 Datasheet HTML 3Page - NXP Semiconductors XC7SET08 Datasheet HTML 4Page - NXP Semiconductors XC7SET08 Datasheet HTML 5Page - NXP Semiconductors XC7SET08 Datasheet HTML 6Page - NXP Semiconductors XC7SET08 Datasheet HTML 7Page - NXP Semiconductors XC7SET08 Datasheet HTML 8Page - NXP Semiconductors XC7SET08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
XC7SET08_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 1 September 2009
2 of 11
NXP Semiconductors
XC7SET08
2-input AND gate
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Table 2.
Marking codes
Type number
Marking[1]
XC7SET08GW
gE
XC7SET08GV
g08
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna113
B
A
Y
2
1
4
mna114
2
4
&
1
mna221
A
B
Y
Fig 4.
Pin configuration SOT353-1 (TSSOP5) and SOT753 (SC-74A)
XC7SET08
BVCC
A
GND
Y
001aak112
1
2
3
5
4
Table 3.
Pin description
Symbol
Pin
Description
B
1
data input
A
2
data input
GND
3
ground (0 V)
Y
4
data output
VCC
5
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com