Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC153 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M54HC153
Description  Rad-hard high speed 2 to 6 V CMOS logic series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC153 Datasheet(HTML) 3 Page - STMicroelectronics

  M54HC153 Datasheet HTML 1Page - STMicroelectronics M54HC153 Datasheet HTML 2Page - STMicroelectronics M54HC153 Datasheet HTML 3Page - STMicroelectronics M54HC153 Datasheet HTML 4Page - STMicroelectronics M54HC153 Datasheet HTML 5Page - STMicroelectronics M54HC153 Datasheet HTML 6Page - STMicroelectronics M54HC153 Datasheet HTML 7Page - STMicroelectronics M54HC153 Datasheet HTML 8Page - STMicroelectronics M54HC153 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
M54HC and M54HCT families overview
Table 1.
Device summary
Part number
Description
Radiation
level
Agency
qualification
EPPL
ESCC
specification
Package
Vcc
Vin
range
Other
features
Temp.
range
Min Max
M54HC00
Rad-hard quad 2-input NAND gate
50 krad
(Si)
ESCC
Y
9201/105
Flat-14 -
DIL-14
2.0
6.0
0 to
Vcc
-55 °C
to 125 °C
M54HC02
Rad-hard quad 2-input NOR gate
Y
9201/113
Flat-14 -
DIL-14
2.0
6.0
M54HC03
Rad-hard quad 2-input NAND open
drain
Y
9201/114
Flat-14 -
DIL-14
2.0
6.0
M54HC04
Rad-hard Hex inverter
Y
9401/033
Flat-14 -
DIL-14
2.0
6.0
M54HCU04
Rad-hard Hex inverter single stage
-
-
9401/055
Flat-14 -
DIL-14
4.5
5.5
Unbuffered
output
M54HC08
Rad-hard quad 2-input AND gate
50 krad
(Si)
Y
9201/106
Flat-14 -
DIL-14
2.0
6.0
M54HC10
Rad-hard triple 3-input NAND gate
Y
9201/107
Flat-14 -
DIL-14
2.0
6.0
M54HC11
Rad-hard triple 3-input AND gate
Y
9201/117
Flat-14 -
DIL-14
2.0
6.0
M54HC14
Rad-hard Hex Schmitt inverter
Y
9409/007
Flat-14 -
DIL-14
2.0
6.0
M54HC20
Rad-hard dual 4-input NAND gate
Y
9201/118
Flat-14 -
DIL-14
2.0
6.0
M54HC21
Rad-hard dual 4-input AND gate
Y
9201/108
Flat-14 -
DIL-14
2.0
6.0
M54HC27
Rad-hard triple 3-input NOR gate
Y
9201/109
Flat-14 -
DIL-14
2.0
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com