Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC154 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M54HC154
Description  Rad-hard high speed 2 to 6 V CMOS logic series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC154 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HC154 Datasheet HTML 1Page - STMicroelectronics M54HC154 Datasheet HTML 2Page - STMicroelectronics M54HC154 Datasheet HTML 3Page - STMicroelectronics M54HC154 Datasheet HTML 4Page - STMicroelectronics M54HC154 Datasheet HTML 5Page - STMicroelectronics M54HC154 Datasheet HTML 6Page - STMicroelectronics M54HC154 Datasheet HTML 7Page - STMicroelectronics M54HC154 Datasheet HTML 8Page - STMicroelectronics M54HC154 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
M54HC138
Rad-hard 3-to-8 line decoder inverter
50 krad
(Si)
ESCC
Y
9408/046
Flat-16 -
DIL-16
2.0
6.0
0 to
Vcc
-55 °C
to 125 °C
M54HC139
Rad-hard dual 2-to-4 line
decoder/demultiplexer
Y
9205/017
Flat-16 -
DIL-16
2.0
6.0
M54HC148
Rad-hard 8-to-3 line priority encoder
-
9410/017
Flat-16 -
DIL-16
2.0
6.0
M54HC151
Rad-hard 8-channel multiplexer
Y
9408/054
Flat-16 -
DIL-16
2.0
6.0
M54HC153
Rad-hard dual 4-channel multiplexer
-
9408/038
Flat-16 -
DIL-16
2.0
6.0
M54HC154
Rad-hard 4-to-16 line
decoder/demultiplexer
Y
9205/023
Flat-24 -
DIL-24
2.0
6.0
M54HC157
Rad-hard quad 2-channel multiplexer
Y
9408/057
Flat-16 -
DIL-16
2.0
6.0
M54HC158
Rad-hard quad 2-channel multiplexer
Inverter
Y
9408/059
Flat-16 -
DIL-16
2.0
6.0
M54HC160
Rad-hard synchronous decade
counter with async. clear
-
9205/062
DIL-16
2.0
6.0
M54HC161
Rad-hard synchronous binary
counter with async. clear
Y
9204/059
Flat-16 -
DIL-16
2.0
6.0
M54HC163
Rad-hard synchronous binary
counter with sync. clear
Y
9204/073
Flat-16 -
DIL-16
2.0
6.0
M54HC164
Rad-hard 8-bit SIPO shift register
Y
9306/041
Flat-14 -
DIL-14
2.0
6.0
M54HC165
Rad-hard 8-bit PISO shift register
Y
9306/042
Flat-16 -
DIL-16
2.0
6.0
M54HC166
Rad-hard 8-bit PISO shift register
with clear
Y
9306/043
Flat-16 -
DIL-16
2.0
6.0
Table 1.
Device summary (continued)
Part number
Description
Radiation
level
Agency
qualification
EPPL
ESCC
specification
Package
Vcc
Vin
range
Other
features
Temp.
range
Min Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com