Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC7WH126GD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # XC7WH126GD
Description  High-speed Si-gate CMOS device, dual non-inverting buffer/line driver with 3-state output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XC7WH126GD Datasheet(HTML) 2 Page - NXP Semiconductors

  XC7WH126GD Datasheet HTML 1Page - NXP Semiconductors XC7WH126GD Datasheet HTML 2Page - NXP Semiconductors XC7WH126GD Datasheet HTML 3Page - NXP Semiconductors XC7WH126GD Datasheet HTML 4Page - NXP Semiconductors XC7WH126GD Datasheet HTML 5Page - NXP Semiconductors XC7WH126GD Datasheet HTML 6Page - NXP Semiconductors XC7WH126GD Datasheet HTML 7Page - NXP Semiconductors XC7WH126GD Datasheet HTML 8Page - NXP Semiconductors XC7WH126GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
XC7WH126_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 2 September 2009
2 of 13
NXP Semiconductors
XC7WH126
Dual buffer/line driver; 3-state
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking codes
Type number
Marking[1]
XC7WH126DP
f26
XC7WH126DC
f26
XC7WH126GD
f26
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one buffer)
mna946
2A
1A
2OE
1OE
2
1
7
5
1Y
2Y
6
3
mna947
1
EN1
1
6
2
7
3
5
mna234
nOE
nA
nY
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT996-2 (XSON8U)
XC7WH126
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
001aak067
1
2
3
4
6
5
8
7
001aak068
XC7WH126
Transparent top view
8
7
6
5
1
2
3
4
1OE
1A
2Y
GND
VCC
2OE
1Y
2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com