Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLT08DFN Datasheet(PDF) 1 Page - Microchip Technology

Part # XLT08DFN
Description  Transition Socket Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

XLT08DFN Datasheet(HTML) 1 Page - Microchip Technology

  XLT08DFN Datasheet HTML 1Page - Microchip Technology XLT08DFN Datasheet HTML 2Page - Microchip Technology XLT08DFN Datasheet HTML 3Page - Microchip Technology XLT08DFN Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 Microchip Technology Inc.
DS51194P-page 19
Transition Socket Specification
SOT/DFN/QFN TRANSITION
SOCKETS
SOT/DFN/QFN transition sockets and associated
hardware are shown below.
FIGURE 7: SOT TRANSITION SOCKET WITH
CABLE
FIGURE 8: DFN/QFN TWO-PART
TRANSITION SOCKET
FIGURE 9: QFN TRANSITION SOCKET
FIGURE 10: DFN TRANSITION SOCKET WITH
CABLE
FIGURE 11: QFN TRANSITION SOCKET WITH
CABLE
Microchip offers the following SOT/DFN/QFN transition
sockets:
• XLT06SOT: One 6-lead SOT transition socket
with cable
• XLT08DFN: One 8-lead DFN two-part transition
socket
• XLT08DFN2: One 8-lead DFN transition socket
with cable
• XLT16QFN1: One 16-lead QFN transition socket
with cable
• XLT28QFN3: One 28-lead QFN transition socket
with cable
• XLT28QFN4: One 28-lead QFN transition socket
with cable
• XLT44QFN2: One 44-lead QFN transition socket
with cable
• XLT44QFN3: One 44-lead QFN transition socket
with cable
The following sockets have been discontinued:
• XLT28QFN: One 28-lead QFN transition socket.
(Replaced by XLT28QFN4.)
• XLT28QFN2: One 28-lead QFN transition socket.
(Replaced by XLT28QFN3.)
• XLT44QFN: One 44-lead QFN two-part transition
socket. (Replaced by XLT44QFN2.)
See the drawings in this section for layout dimensions.
SOT Transition Socket
Target/Application Board
Cables
Cable to Processor Module
PDIP Device Adapter
Gold Standoffs/
Adapters
DFN/QFN Transition Socket
Target/Application Board
Cable to Processor Module
PDIP Device Adapter
Gold Standoffs/
Adapters
QFN Transition Socket
Target/Application Board
Cable to Processor Module
PDIP Device Adapter
Gold Standoffs/
Adapters
DFN Transition Socket
Target/Application Board
Cables
Cable to Processor Module
PDIP Device Adapter
Gold Standoffs/
Adapters
QFN Transition Socket
Target/Application Board
Cables
Cable to Processor Module
PDIP Device Adapter
Gold Standoffs/
Adapters


Similar Part No. - XLT08DFN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
Thermoelectric Cooler
XLT12-6-00L ETC2-XLT12-6-00L Datasheet
442Kb / 2P
Thermoelectric Cooler
XLT12-6-01L ETC2-XLT12-6-01L Datasheet
442Kb / 2P
Thermoelectric Cooler
XLT2385 ETC2-XLT2385 Datasheet
232Kb / 2P
Thermoelectric Cooler
XLT2385-03AC ETC2-XLT2385-03AC Datasheet
232Kb / 2P
Thermoelectric Cooler
More results

Similar Description - XLT08DFN

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2FCS40SG ADAM-TECH-2FCS40SG Datasheet
124Kb / 1P
2.00mm IDC SOCKET & TRANSITION PLUG
2FCS-20 ADAM-TECH-2FCS-20 Datasheet
105Kb / 1P
2.00mm IDC SOCKET & TRANSITION PLUG
logo
Glenair, Inc.
M24758-32C GLENAIR-M24758-32C Datasheet
192Kb / 2P
Transition
logo
Yamaichi Electronics Co...
ZP1-08-T YAMAICHI-ZP1-08-T Datasheet
70Kb / 1P
I.D.C. Transition Plug
logo
Glenair, Inc.
713-351 GLENAIR-713-351 Datasheet
185Kb / 1P
Y Transition
713-353 GLENAIR-713-353 Datasheet
181Kb / 1P
T Transition
logo
Tyco Electronics
006257-000 MACOM-006257-000 Datasheet
140Kb / 1P
TRANSITION, 45DEG
logo
Adam Technologies, Inc.
FDH-XX-T ADAM-TECH-FDH-XX-T Datasheet
101Kb / 1P
TRANSITION PLUG
logo
Keysight Technologies
15432B KEYSIGHT-15432B Datasheet
111Kb / 2P
TRANSITION-TIME CONVERTERS
logo
TE Connectivity Ltd
ENG_CD_1658527 TEC-ENG_CD_1658527 Datasheet
215Kb / 1P
CONNECTOR ASSEMBLY, FEMALE SOCKET TRANSITION, 622 SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com