Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR3170E Datasheet(PDF) 7 Page - Exar Corporation

Part # XR3170E
Description  3.3V High Speed RS-485/RS-422 TRANSCEIVERS WITH 1/8 UNIT LOAD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR3170E Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR3170E Datasheet HTML 3Page - Exar Corporation XR3170E Datasheet HTML 4Page - Exar Corporation XR3170E Datasheet HTML 5Page - Exar Corporation XR3170E Datasheet HTML 6Page - Exar Corporation XR3170E Datasheet HTML 7Page - Exar Corporation XR3170E Datasheet HTML 8Page - Exar Corporation XR3170E Datasheet HTML 9Page - Exar Corporation XR3170E Datasheet HTML 10Page - Exar Corporation XR3170E Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
XR3170E-3178E
7
REV. 1.0.0
3.3V HIGH SPEED RS-485/RS-422 TRANSCEIVERS WITH 1/8th UNIT LOAD
tSHDN
Time to Shutdown
50
200
600
ns
Notes 3 and 4
XR3173E, XR3174E and XR3175E
DRIVER AC CHARACTERISTICS
freq
Max. Data Signaling Rate
500
kbps
1/tUI, Duty Cycle 40 to 60%
tPLH
Driver Propagation Delay (Low to
High)
180
800
ns
CL = 50pF, RL = 54Ω, Figures 6
and 7
tPHL
Driver Propagation Delay (High to
Low)
180
800
ns
CL = 50pF, RL = 54Ω, Figures 6
and 7
tR
Driver Rise Time
200
800
ns
CL = 50pF, RL = 54Ω, Figures 6
and 7
tF
Driver Fall Time
200
800
ns
CL = 50pF, RL = 54Ω, Figures 6
and 7
|t
PLH-tPHL|
Differential Pulse Skew
100
ns
Figures 6 and 7
tZH
Driver Enable to Output High
2500
ns
CL = 50pF, RL = 500Ω, Figures
8 and 9
tZL
Driver Enable to Output Low
2500
ns
CL = 50pF, RL = 500Ω, Figures
10 and 11
tHZ
Driver Disable from Output High
150
ns
CL = 50pF, RL = 500Ω, Figures
8 and 9
tLZ
Driver Disable from Output Low
150
ns
CL = 50pF, RL = 500Ω, Figures
10 and 11
tOZV
Shutdown to Driver Output Valid
3500
ns
CL = 50pF, RL = 500Ω
tSHDN
Time to Shutdown
50
200
600
ns
Notes 3 and 4
RECEIVER AC CHARACTERISTICS
freq
Data Signaling Rate
500
kbps
1/tUI, Duty Cycle 40 to 60%
tPLH
Receiver Propagation Delay (Low to
High)
200
ns
VID = +/-2V, CL = 15pF, Figures
12 and 13
tPHL
Receiver Propagation Delay (High to
Low)
200
ns
VID = +/-2V, CL = 15pF, Figures
12 and 13
skew
Receiver Propagation Delay Skew
30
ns
VID = +/-2V, CL = 15pF, Figures
12 and 13
skew =
|t
PLH-tPHL|
tR
Receiver Output Rise Time
3
6
ns
CL = 15pF
tF
Receiver Output Fall Time
3
6
ns
CL = 15pF
tZH
Receiver Enable to Output High
50
ns
CL = 15pF, Figure 14
tZL
Receiver Enable to Output Low
50
ns
CL = 15pF, Figure 14
tHZ
Receiver Disable from Output High
50
ns
CL = 15pF, Figure 14
UNLESS OTHERWISE NOTED: VCC = +3.0V TO +3.6V WITH TA FROM -40
OC TO +85OC. TYPICAL VALUES ARE AT
VCC = +3.3V AND 25
OC.
SYMBOL
PARAMETERS
MIN.TYP.
MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com