Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796C Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88796C
Description  Low-Power SPI or Non-PCI Ethernet Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796C Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88796C Datasheet HTML 1Page - ASIX Electronics Corporation AX88796C Datasheet HTML 2Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
AX88796C
Low-Power SPI or Non-PCI Ethernet Controller
ASIX Electronics Corporation
4F, No.8, Hsin Ann Rd.,
Hsinchu Science Park,
Hsinchu, Taiwan 30078
Released Date: 3/16/2010
TEL: +886-3-579-9500
FAX: +886-3-579-9558
http://www.asix.com.tw/
Features
Product Brief
High-performance non-PCI local bus
Supports 8/16-bit SRAM-like host interface
(US Patent Approval), easily interfaced to
most common embedded MCUs; or 8/16-bit
local CPU interface including MCS-51 series,
Renesas series CPUs
Supports
Slave-DMA to
minimize
CPU
overhead and burst mode read & write access
for
frame
reception
&
transmission
on
SRAM-like interface for high performance
applications
Supports variable voltage I/O (1.8/2.5/3.3V)
and programmable driving strength (8/16mA)
Interrupt pin with programmable timer
High-performance SPI slave interface
Supports SPI slave interface for CPU with
SPI master. The SPI slave interface supports
SPI timing mode 0 and 3, up to 40MHz of
SPICLK,
variable
voltage
I/O
and
programmable driving strength
Supports optional Ready signal as flow
control for SPI packet RX/TX
Single-chip
Fast
Ethernet
MAC/PHY
controller
Embeds 14KB SRAM for packet buffers
Supports IPv4/IPv6 packet Checksum Offload
Engine to reduce CPU loading, including
IPv4 IP/TCP/UDP/ICMP/IGMP and IPv6
TCP/UDP/ICMPv6 checksum generation &
check
Supports VLAN match filter
Integrates
IEEE
802.3/802.3u
standards
compatible
10BASE-T/100BASE-TX
(twisted pair copper mode) Fast Ethernet
MAC/PHY transceiver in one single-chip
Supports twisted pair crossover detection and
correction (HP Auto-MDIX)
Supports full duplex operation with IEEE
802.3x flow control and half duplex operation
with back-pressure flow control
Supports auto-polling function
Supports 10/100Mbps N-way Auto-negotiation
operation
Advanced Power Management features
Supports dynamic power management to
reduce power dissipation during idle or light
traffic period
Supports very low power Wake-On-LAN
(WOL) mode when the system enters sleep
mode and waits for network event to awake it
up. The wakeup events supported are network
link state change, receipt of a Magic Packet or
a pre-programmed Microsoft Wakeup Frame
or through GPIO pin
Supports Protocol Offload (ARP & NS) for
Windows 7 Networking Power Management
Supports complete I/O pins isolation during
WOL mode or Remote Wakeup Ready mode
to reduce leakage current on non-PCI and SPI
slave host interface
Supports optional EEPROM interface to store
MAC address
Supports up to four GPIOs and two of them
support Wake-On-LAN
Supports programmable LED pins for various
network
activity
indications
with
variable
voltage I/O and programmable driving strength
Integrates voltage regulator, 25MHz crystal
oscillator and power on reset circuit on chip
Supports optional clock output (25, 50, or
100MHz) for system use, if 25MHz crystal is
present
Supports alternative clock input (25MHz) from
system clock to save the 25MHz crystal cost
64-pin LQFP RoHS compliant package
Operates over 0 to +70C or -40 to +85C
temperature range
Product Description
The AX88796C is a SPI or non-PCI Ethernet controller with low power, low-pin-count and variable voltage
I/O for the Embedded and Industrial Ethernet applications. The AX88796C supports 8/16-bit SRAM-like or


Similar Part No. - AX88796C

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88796 ASIX-AX88796 Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
AX88796ALF ASIX-AX88796ALF Datasheet
1Mb / 68P
10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
06/25/2013
AX88796BLF ASIX-AX88796BLF Datasheet
604Kb / 82P
Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
AX88796BLI ASIX-AX88796BLI Datasheet
604Kb / 82P
Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
AX88796L ASIX-AX88796L Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
More results

Similar Description - AX88796C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT86C926 ETC-VT86C926 Datasheet
87Kb / 24P
AMAZON PCI ETHERNET CONTROLLER
VT86C100A ETC-VT86C100A Datasheet
349Kb / 32P
PCI FAST ETHERNET CONTROLLER
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
Micrel Semiconductor
KSZ8841 MICREL-KSZ8841_11 Datasheet
654Kb / 105P
Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8851-16MLLJ MICREL-KSZ8851-16MLLJ_10 Datasheet
517Kb / 90P
Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8841-16 MICREL-KSZ8841-16_08 Datasheet
654Kb / 105P
Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8851-16MLLI MICREL-KSZ8851-16MLLI Datasheet
1Mb / 84P
Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8851-16MLL MICREL-KSZ8851-16MLL_15 Datasheet
1Mb / 86P
Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
logo
Microchip Technology
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com