Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2272 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2272
Description  3M Wrist Strap - Adjustable Elastic Fabric (Economy Performance)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2272 Datasheet(HTML) 1 Page - 3M Electronics

  2272 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Learn More . . .
3M Static Control Products Overview - Brochure (PDF 381.5
K)
3M™ Adjustable Fabric Wrist Strap ECWS61M-1 - Bulletin (PDF
326.5 K)
Please Note:
Adobe® Acrobat® Reader is required to view PDF
documents.
3M Worldwide : United States : Electronics Manufacturing
Product Catalog for Component Handling Solutions
3M™ Static Control Workstation Solutions
3M™ Personnel Grounding Products
3M™ Wrist Straps and Other Grounding Systems
3M™
Adjustable Fabric Wrist Straps
3M™ Wrist Strap - Adjustable Elastic Fabric (Economy
Performance), 2272
[click to enlarge]
This wrist strap set provides a cost-effective method of grounding
personnel. Features a comfortable, adjustable band, a 5 ft. (1.5
m) coiled cord and 1/8 in. (4 mm) snap.
3M Id : 98-0798-2524-0
GTIN(UPC/EAN) : 0 00 51138 37597 3
Additional Information
3M™ Adjustable Wrist Straps
are the front line of defense in
all static control processes.
Ensure a comfortable, custom
fit with these adjustable wrist
bands. One size adjusts to
any size wrist to provide
reliable, 360 degree
protection. These wrist st
Characteristics
Band Size
Adjustable
Band Type
Adjustable
Cord Length
5 ft. (1.5 m)
EPC Can View
Public
Material
Fabric
Number of Conductors
1
Performance
Economy
Type
Fabric
©3M 1995-2006
Legal Information
Privacy Policy
Component Handling Solutions : 3M™ Wrist Strap - Adjustable Elastic...
http://products3.3m.com/catalog/us/en001/electronics_mfg/electronic_...
1 of 1
17/04/2009 11:06


Similar Part No. - 2272

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2272 ETC2-2272 Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
logo
Festo Corporation.
2272 FESTO-2272 Datasheet
89Kb / 1P
Roller lever valve
4/8/22
logo
List of Unclassifed Man...
2272-2 ETC2-2272-2 Datasheet
336Kb / 1P
SWAGE THREADED STANDOFFS
2272-2 ETC2-2272-2 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
2272-USR-TCP232-410S-ND ETC2-2272-USR-TCP232-410S-ND Datasheet
893Kb / 17P
RS232 & RS485 TO ETHERNET
V1. 1 1 02
More results

Similar Description - 2272

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6081 POMONA-6081 Datasheet
18Kb / 1P
Wrist Strap, Elastic, ESD
6082 POMONA-6082 Datasheet
23Kb / 1P
Elastic Wrist Strap With Clip & Cord
6083 POMONA-6083 Datasheet
22Kb / 1P
Metal Wrist Strap, ESD
6086 POMONA-6086 Datasheet
100Kb / 3P
ESD Wrist Strap Tester
logo
3M Electronics
BLUEWS 3M-BLUEWS Datasheet
324Kb / 1P
Adustable Elastic Fabric(Standard Performance)
8811 3M-8811 Datasheet
111Kb / 1P
Dissipative table mats include two 3M Snap Fasteners 3034 (installed) and one 3M Wrist Strap Grounding System 3048.
logo
List of Unclassifed Man...
09100 ETC2-09100 Datasheet
132Kb / 1P
JEWEL WRISTBAND, ELASTIC, ADJUSTABLE
09104 ETC2-09104 Datasheet
203Kb / 1P
JEWEL WRISTBAND, ELASTIC, ADJUSTABLE
63060 ETC2-63060 Datasheet
54Kb / 1P
ECONOMY WRIST STRAP WITH 7MM SNAP
logo
Bertech.
AFWSB BERTECH-AFWSB Datasheet
113Kb / 1P
ESD Fabric Wrist Straps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com