Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30.331 Datasheet(PDF) 1 Page - Altech corporation

Part # 30.331
Description  Metric Pin Spacinga Tubular Screw Clamp Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

30.331 Datasheet(HTML) 1 Page - Altech corporation

  30.331 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
144
PLUGGABLE
PRINTED CIRCUIT
Metric Pin Spacinga
Tubular Screw Clamp Plug
For plug-in applications where infrequent
wire-to-board connections are made and
a very cost effective pluggable terminal
block is needed.
Multipole assemblies are offered in
modular interlocking design up to 12
poles or single mold construction up to
16 poles. While modular construction
reduces and simplifies inventory, the
single mold design provides maximum
strength.
• Modular or Single Mold Design
• Wire Protector Standard
• Housing Material: Polyamide 6.6
• Standard Color: Gray
AK130
Ratings
Wire Range
Current
Voltage
0.5-1.5mm2
10A
250V
22-14 AWG
10A
300V
22-14 AWG
10A
300V
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AK132/2wp
30.322
10.00 ( .39)
100
AK132/3wp
30.323
15.00 ( .59)
100
AK132/4wp
30.324
20.00 ( .79)
50
AK132/5wp
30.325
25.00 ( .99)
50
AK132/6wp
30.326
30.00 (1.18)
50
AK132/7wp
30.327
35.00 (1.38)
30
AK132/8wp
30.328
40.00 (1.58)
30
AK132/9wp
30.329
45.00 (1.77)
30
AK132/10wp
30.330
50.00 (1.97)
30
AK132/11wp
30.331
55.00 (2.17)
20
AK132/12wp
30.332
60.00 (2.36)
20
AK132/13wp
30.333
65.00 (2.56)
20
AK132/14wp
30.334
70.00 (2.76)
20
AK132/15wp
30.335
75.00 (2.95)
20
AK132/16wp
30.336
80.00 (3.15)
15
IEC/VDE
(File No. E101811)
(File No. LR68503)
Ordering Information
No. of
Poles
Plug, mm Pole Spacing
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AK130/2wp
30.302
10.00 ( .39)
100
AK130/3wp
30.303
15.00 ( .59)
100
AK130/4wp
30.304
20.00 ( .79)
50
AK130/5wp
30.305
25.00 ( .99)
50
AK130/6wp
30.306
30.00 (1.18)
50
AK130/7wp
30.307
35.00 (1.38)
30
AK130/8wp
30.308
40.00 (1.58)
30
AK130/9wp
30.309
45.00 (1.77)
30
AK130/10wp
30.310
50.00 (1.97)
30
AK130/11wp
30.311
55.00 (2.17)
20
AK130/12wp
30.312
60.00 (2.36)
20
aBlocks with US (Inch) pin spacing
begin on page 110.
Single Mold Plug
Pole Spacing 5mm (.197)
Stripping Length 6mm (.236)
Screw Hole Diameter 3.5mm (.138)
Use with STL130, STL132, STL140 Headers
Modular Plug
Pole Spacing 5mm (.197)
Stripping Length 6mm (.236)
Screw Hole Diameter 3.5mm (.138)
Use with STL130, STL132, STL140 Headers
AK132
Wire Range
Current
Voltage
0.5-1.5mm2
10A
250V
22-14 AWG
10A
300V
22-14 AWG
10A
300V
Dimensions
mm
in.
mm
in.
0.70
0.028
9.30
0.366
2.70
0.106
10.80
0.425
5.00
0.197
13.50
0.531
L
0.7mm
2.7mm
5mm
STL(Z)130
STL(Z)132
STL(Z)130
STL(Z)132
9.3mm ®
®
®
13.5mm
®
9.3mm
®
®
13.5mm
®
®
2.7mm
5mm
L
PREVIOUS
HOME
NEXT
FIND IT


Similar Part No. - 30.331

ManufacturerPart #DatasheetDescription
logo
Altech corporation
30.352 ALTECH-30.352 Datasheet
32Kb / 1P
Metric Pin Spacinga Pin Headers
30.353 ALTECH-30.353 Datasheet
32Kb / 1P
Metric Pin Spacinga Pin Headers
30.354 ALTECH-30.354 Datasheet
32Kb / 1P
Metric Pin Spacinga Pin Headers
30.355 ALTECH-30.355 Datasheet
32Kb / 1P
Metric Pin Spacinga Pin Headers
30.356 ALTECH-30.356 Datasheet
32Kb / 1P
Metric Pin Spacinga Pin Headers
More results

Similar Description - 30.331

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RD030100 VISHAY-RD030100 Datasheet
135Kb / 3P
Tubular Capacitors, Screw & Band Mounting
21-Feb-02
logo
Tyco Electronics
2-1437390-8 MACOM-2-1437390-8 Datasheet
87Kb / 1P
EMBLY, TERMINAL BLOCK, NEMA, FLAT BASE, HEAVY DUTY, PHENOLIC, TUBULAR SCREW TUBULAR SCREW
logo
Altech corporation
30.359 ALTECH-30.359 Datasheet
32Kb / 1P
Metric Pin Spacinga Pin Headers
30.206 ALTECH-30.206 Datasheet
70Kb / 2P
FIXED PRINTED CIRCUIT US Pin Spacinga Tubular Screw Clamp
30.503 ALTECH-30.503 Datasheet
494Kb / 19P
Metric Pin Spacinga Tubular Screw Clamp
30.606 ALTECH-30.606 Datasheet
37Kb / 1P
Metric Pin Spacinga Screw-Cage Clamp
33.053 ALTECH-33.053 Datasheet
543Kb / 20P
US Pin Spacinga Tubular Screw Clamp
36.464 ALTECH-36.464 Datasheet
36Kb / 1P
US Pin Spacinga Screw-Cage Clamp Plug and Headers
logo
List of Unclassifed Man...
7794 ETC2-7794 Datasheet
280Kb / 1P
PC METRIC SCREW TERMINAL WITH SCREW
7689 ETC2-7689 Datasheet
215Kb / 1P
PC METRIC SCREW TERMINAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com