Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFB-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HFB-R
Description  HFB In-Line Water-Resistant Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HFB-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HFB-R Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
• For 1/4" x 1-1/4" (6.35mm x 31.8mm) fuses
• Ideal for harsh environments
• Water
• Salt Spray
• Ultraviolet Light
• Ozone
• -40° to 150°C temperature range
• Withstands many organic solvents
and rigorous shock and vibration
• Accepts #18 to #12 AWG copper wire
• High visibility yellow color
• Recommended crimp tools:
• Thomas & Betts – WT-112M
• California Terminal Products No. 1250
• Channelock No. 909
• Replacement contact clip: BK/1A2294
• UL flammability rating 94 HB
Ordering
• Specify packaging, product, and option code
Environmental Data
• Temperature Rating (RTI): 100°C
• Water-resistant
• Vibration Resistance: Per MIL STD 810C
• Humidity: 85°C/85% relative humidity for 96 hours
• Brittle Point: Less than -60°C
• Abrasion: 54% NBS index
• Fluid resistance: Type and Class AA, BA, BC, BE, CA,
CE per ASTM D-2000 Standard Classification System
for rubbers
• Flame Resistance: Pass FMVSS302 and related slow
burning when tested in accordance with UL 94HB
• Ozone Resistance: Passed 70 Hours in 50 ppm ozone
per ASTM D-5
• Salt Spray: 15% for 166 hours = 0% volume swell
• Xenon Arc Weatherometer
• Heat Aging (% Retention of Mechanical
Properties at 125°C)
PACKAGING CODE
Packaging Code
Description
Blank
10 pieces of fuseholders packed into a carton
BK
100 pieces of fuseholders packed into a poly bag
OPTION CODE
Option Code
Description
-R
RoHS compliant version
SPECIFICATIONS
Product
Voltage
Current
Code
Rating
Rating
AC
AC
HFB
32V
30A
Component
Material
Body
Thermoplastic Rubber
Crimp
Copper Tin-Plated
Tensile
100%
Time
Strength
Elong.
Mod.
(Hrs)
(psi)
(%)
(psi)
0
1100
375
470
500
1130
350
520
1000
1190
350
520
Days
Parameters
1
7
15
30
41.7
Tensile Strength
100
105
115
120
120
% Elongation
90
90
90
90
90
100% Mod.
105
110
120
120
120
1/4" x 1-1/4" Fuse Holders
HFB In-Line Water-Resistant Series
Visit us on the web at:
www.cooperbussmann.com
2102 1111
Cooper Electronic Technologies
1225 Broken Sound Parkway NW
Suite F
Boca Raton, FL 33487-3533
Tel: 1-561-998-4100
Fax: 1-561-241-6640
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-800-544-2570
Cooper Electronic Technologies
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Cooper Electronic Technologies
Avda. Santa Eulalia, 290
08223
Terrassa, (Barcelona), Spain
Tel: +34 937 362 812
+34 937 362 813
Fax: +34 937 362 719
Asia Pacific
Cooper Electronic Technologies
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160
North America
Europe


Similar Part No. - HFB-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HFB COOPER-HFB Datasheet
107Kb / 1P
1/4" x 1-1/4" Fuse Holders
logo
Eaton All Rights Reserv...
HFB EATON-HFB Datasheet
377Kb / 1P
1/4??x 1 1/4??in-line waterproof fuse holder
logo
Allied Components Inter...
HFB03 ALLIED-HFB03 Datasheet
657Kb / 1P
High Frequency Ferrite Beads
HFB03-05 ALLIED-HFB03-05 Datasheet
657Kb / 1P
High Frequency Ferrite Beads
HFB03-102-RC ALLIED-HFB03-102-RC Datasheet
656Kb / 1P
High Frequency Ferrite Beads
More results

Similar Description - HFB-R

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
WATER RESISTANT SOLENOID
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
Water Resistant Stopwatch/Clock
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
WATER RESISTANT SCREEN CAP
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510_15 Datasheet
151Kb / 1P
Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-7608 SOBERTON-WSP-7608_18 Datasheet
499Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-4508-7 SOBERTON-WSP-4508-7_18 Datasheet
447Kb / 1P
WSP WATER RESISTANT SPEAKER
logo
Eaton All Rights Reserv...
HFA EATON-HFA Datasheet
213Kb / 1P
1/4??x 1 1/4??in-line water-resistant fuse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com