Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL001-250BEZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADXL001-250BEZ-R7
Description  High Performance, Wide Bandwidth Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL001-250BEZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADXL001-250BEZ-R7 Datasheet HTML 8Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 9Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 10Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 11Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 12Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 13Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 14Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 15Page - Analog Devices ADXL001-250BEZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADXL001
Rev. A | Page 14 of 16
OUTLINE DIMENSIONS
BOTTOM VIEW
(PLATING OPTION 1,
SEE DETAIL A
FOR OPTION 2)
DETAIL A
(OPTION 2)
1
3
5
7
TOP VIEW
0.075 REF
R 0.008
(4 PLCS)
0.208
0.197 SQ
0.188
0.22
0.15
0.08
(R 4 PLCS)
0.183
0.177 SQ
0.171
0.094
0.078
0.062
0.010
0.006
0.002
0.082
0.070
0.058
0.055
0.050
0.045
0.031
0.025
0.019
0.030
0.020 DIA
0.010
0.019 SQ
0.108
0.100
0.092
R 0.008
(8 PLCS)
Figure 23. 8-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-8-1)
Dimensions shown in inches
ORDERING GUIDE
Model1
Temperature Range
g Range
Package Description
Package Option
ADXL001-70BEZ
−40°C to +125°C
±70 g
8-Terminal LCC
E-8-1
ADXL001-70BEZ-R7
−40°C to +125°C
±70 g
8-Terminal LCC
E-8-1
ADXL001-250BEZ
−40°C to +125°C
±250 g
8-Terminal LCC
E-8-1
ADXL001-250BEZ-R7
−40°C to +125°C
±250 g
8-Terminal LCC
E-8-1
ADXL001-500BEZ
−40°C to +125°C
±500 g
8-Terminal LCC
E-8-1
ADXL001-500BEZ-R7
−40°C to +125°C
±500 g
8-Terminal LCC
E-8-1
EVAL-ADXL001-250Z
Evaluation Board
EVAL-ADXL001-500Z
Evaluation Board
EVAL-ADXL001-70Z
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com