Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6021 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6021
Description  Non-Shorting Dust Cap for TNC Female With 3 Inch Chain
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6021 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6021 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6021 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Non-Shorting Dust Cap for TNC Female With 3 Inch Chain
Configuration
Connector
TNC Female Non-Shorting
Chain Option
3 In. Chain
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.7 [17.78]
Width, in [mm]
0.5 [13]
.
Connector
Type
TNC Female Non-Shorting
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ In. Minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Non-Shorting Dust Cap for TNC Female With 3 Inch Chain from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Non-Shorting Dust Cap for TNC Female With 3 Inch Chain PE6021
URL:
http://www.pasternack.com/50-ohm-tnc-female-non-shorting-cap-with-3-inch-chain-pe6021-p.aspx
PE6021
PE6021 REV
Non-Shorting Dust Cap for TNC Female With 3 Inch Chain


Similar Part No. - PE6021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6020 PASTERNACK-PE6020 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SSMA Male
logo
SHENZHEN DOINGTER SEMIC...
PE6020K DOINGTER-PE6020K Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Pasternack Enterprises,...
PE6022 PASTERNACK-PE6022 Datasheet
234Kb / 2P
Shorting N Male Dust Cap
PE6023 PASTERNACK-PE6023 Datasheet
241Kb / 2P
Non-Shorting Dust Cap for TNC Male With 2.7 Inch Chain
logo
Beijing Yaohuadechang E...
PE6023K-M YHDC-PE6023K-M Datasheet
792Kb / 1P
K series isolation transformer
More results

Similar Description - PE6021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6018 PASTERNACK-PE6018 Datasheet
236Kb / 2P
Non-Shorting Dust Cap for N Female With 2.6 Inch Chain
PE6023 PASTERNACK-PE6023 Datasheet
241Kb / 2P
Non-Shorting Dust Cap for TNC Male With 2.7 Inch Chain
PE6110 PASTERNACK-PE6110 Datasheet
237Kb / 2P
Non-Shorting Dust Cap for C Female With 3.5 Inch Chain
PE6114 PASTERNACK-PE6114 Datasheet
208Kb / 2P
Non-Shorting Dust Cap for HN Female With 4 Inch Chain
PE6118 PASTERNACK-PE6118 Datasheet
207Kb / 2P
Non-Shorting Dust Cap for SC Female With 4 Inch Chain
PE6119 PASTERNACK-PE6119 Datasheet
234Kb / 2P
Non-Shorting Dust Cap for SMA Female With 2.5 Inch Chain
PE6110 PASTERNACK-PE6110_16 Datasheet
416Kb / 3P
C Female Non-Shorting Dust Cap With 3.5 Inch Chain
PE6114 PASTERNACK-PE6114_16 Datasheet
419Kb / 3P
HN Female Non-Shorting Dust Cap With 4 Inch Chain
PE6119 PASTERNACK-PE6119_16 Datasheet
416Kb / 3P
SMA Female Non-Shorting Dust Cap With 2.5 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com