Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB-A9SP2 Datasheet(PDF) 2 Page - AAEON Technology

Part # CMB-A9SP2
Description  High-end Workstation Board with Intel짰 Xeon??Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

CMB-A9SP2 Datasheet(HTML) 2 Page - AAEON Technology

  CMB-A9SP2 Datasheet HTML 1Page - AAEON Technology CMB-A9SP2 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11-6
Dimension
Unit: mm
CMB-A9SP2
Ordering Information
Part No.
CPU
RAM
FAN/
Fanless
Display
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp.
TBD
Socket
1066/1333/1600, RDIMM
1066/1333, UDIMM
1066/1333. LRDIMM
Fan
VGA
—
GbE x 2
4
0
0
PCI-E [x16] x 2
PCI-E [x8] x 3
PCI 32-bit x 1
MIO x 1
90 V DC ~ 240 V DC
10
°C ~ 35°C
Launching in Q1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com