Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WKLS40 Datasheet(PDF) 1 Page - Lumberg

Part # WKLS40
Description  Jack connectors according to JISC 6560, 3.5 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

WKLS40 Datasheet(HTML) 1 Page - Lumberg

  WKLS40 Datasheet HTML 1Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
03/2005
www.lumberg.com
Klinkensteckverbinder nach JISC 6560, 3,5 mm
Jack connectors according to JISC 6560, 3.5 mm
Connecteurs jack suivant JISC 6560, 3,5 mm
Bei Vorzugstypen (fett) ist die Mindestmenge gleich der Verpackungseinheit (VE).
The lowest quantity of preferred types (bold) is the package unit (PU).
L’unité d’emballage (UE) est la quantité minimale des types péférentielles (gras).
00
WKLS 40
WKLS 40
WKLS 40
Bestellbezeichnung
Polzahl
VE
Mindestmenge
Designation
Poles
PU
Lowest quantity
Désignation
Pôles
UE
Quantité minimale
WKLS 40
3
100
Klinkenstecker nach JISC 6560, 3,5 mm, 3-polig/stereo, ab-
gewinkelte Ausführung, mit Lötanschlüssen
1. Temperaturbereich
-20 °C/+70 °C
2. Werkstoffe
Kontaktträger
PC
Kontakt
CuZn, vernickelt
Stahl, vernickelt
Isolierung
Ebonit
Gehäuse
PE
3. Mechanische Daten
Kontaktierung mit
Klinkenkupplungen 1503 02,
1503 03, 1503 04, 1503 07, 1503 08,
1503 09, 1503 11, KLB 4, KLBR 4,
KLK 4, KLK 44
4. Elektrische Daten
Bemessungsstrom
1 A
Bemessungspannung
34 V AC/DC
Prüfspannung
500 V/60 s
Isolationswiderstand
≥ 108 Ω
Jack plug acc. to JISC 6560, 3.5 mm, 3 poles/stereo, angular
version, with solder terminals
1. Temperature range
-20 °C/+70 °C
2. Materials
Body
PC
Contact
CuZn, nickeled
steel, nickeled
Insulation
ebonite
Housing
PE
3. Mechanical data
Mating with
jack sockets 1503 02, 1503 03,
1503 04, 1503 07, 1503 08, 1503 09,
1503 11, KLB 4, KLBR 4, KLK 4, KLK 44
4. Electrical data
Rated current
1 A
Rated voltage
34 V AC/DC
Test voltage
500 V/60 s
Insulation resistance
≥ 108 Ω
Connecteur mâle jack suivant JISC 6560, 3,5 mm, 3 pôles/
stéréo, version angulaire
1. Température d’utilisation
-20 °C/+70 °C
2. Matériaux
Corps isolant
PC
Contact
CuZn, nickelé
acier, nickelé
Isolement
ébonite
Boîtier
PE
3. Caractéristiques mécaniques
Raccordement avec
connecteurs femelles jack 1503 02,
1503 03, 1503 04, 1503 07, 1503 08,
1503 09, 1503 11, KLB 4, KLBR 4,
KLK 4, KLK 44
4. Caractéristiques électriques
Courant assigné
1 A
Tension assignée
34 V AC/DC
Tension d’éssai
500 V/60 s
Résistance d’isolement
≥ 108 Ω


Similar Part No. - WKLS40

ManufacturerPart #DatasheetDescription
logo
Lumberg
WKLS40 LUMBERG-WKLS40 Datasheet
587Kb / 3P
Jack connectors
WKLS40 LUMBERG-WKLS40_18 Datasheet
587Kb / 3P
Jack connectors
WKLS40 LUMBERG-WKLS40_V01 Datasheet
148Kb / 1P
Jack connectors according to JIS C 6560, 3.5 mm
11/2012
More results

Similar Description - WKLS40

ManufacturerPart #DatasheetDescription
logo
Lumberg
WKLS2 LUMBERG-WKLS2 Datasheet
86Kb / 1P
Jack connectors according to JIS C 6560, 3.5 mm
logo
CUI INC
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
3.5 MM AUDIO JACK
SJ1-354X CUI-SJ1-354X Datasheet
181Kb / 3P
3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
3.5 MM AUDIO JACK
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
3.5 MM AUDIO JACK
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
3.5 MM AUDIO JACK
SJ-435105 CUI-SJ-435105 Datasheet
209Kb / 3P
3.5 MM AUDIO JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com