Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WKP331 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WKP331
Description  Ceramic AC Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WKP331 Datasheet(HTML) 2 Page - Vishay Siliconix

  WKP331 Datasheet HTML 1Page - Vishay Siliconix WKP331 Datasheet HTML 2Page - Vishay Siliconix WKP331 Datasheet HTML 3Page - Vishay Siliconix WKP331 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WKP
Vishay Draloric
Ceramic AC Capacitors
Class X1, 760 VAC/Class Y1, 500 VAC
www.vishay.com
For technical questions, contact: slcap@vishay.com
Document Number: 22206
2
Revision: 08-Feb-10
Notes
(1) Standard lead configuration, other lead spacing and diameter available on request.
(2) Capacitance values from 470 pF to 4700 pF: The alternative usage of smaller VKP series is recommended for new application.
ORDERING INFORMATION, CERAMIC X1/Y1 CAPACITORS WKP
CAPACITANCE (2)
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 (1)
(mm)
d ± 0.05 (1)
(mm)
V ± 0.5 (1)
(mm)
ORDERING CODE
CLASS 1
N 750
33
± 10 , ± 20
8.0 x 6.0
12.5
0.6
1.9
WKP330 CP
KR
CLASS 2
K 1200
47
± 10 , ± 20
8.0 x 6.0
12.5
0.6
2.3
WKP470 CP
KR
68
WKP680 CP
KR
CLASS 2
K 1500
100
± 10 , ± 20
8.0 x 6.0
12.5
0.6
2.3
WKP101 CP
KR
CLASS 2
K 2000
150
± 10 , ± 20
8.0 x 6.0
12.5
0.6
2.3
WKP151 CP
KR
220
WKP221 CP
KR
CLASS 2
K 4000
330
± 10 , ± 20
8.0 x 6.0
12.5
0.6
2.5
WKP331 CP
KR
470
WKP471 CP
KR
680
9.0 x 6.0
WKP681 CP
KR
1000
10.0 x 6.0
0.8
2.7
WKP102 CP
KR
1500
12.0 x 6.0
WKP152 CP
KR
2200
13.0 x 6.0
WKP222 CP
KR
3300
15.0 x 6.0
WKP332 CP
KR
3900
16.0 x 6.0
WKP392 CP
KR
4700
18.0 x 6.0
WKP472 CP
KR
ORDERING CODE
7th digit
Capacitance Tolerance:
± 10 % = K
± 20 % = M
10th to 12th digit
Lead Configuration (see General Information)
R14th digit
RoHS Compliant Component
APPROVALS
IEC 60384 - 14 / 2nd Issue (1993) incl. Am. 1 (1995) - Safety Tests
EN 132 400 (1994) - Safety Tests
THAT APPROVAL TOGETHER WITH THE CB TEST CERTIFICATE SUBSTITUTES THE NATIONAL APPROVAL OF THE FOLLOWING
Belgium
France
Italy
Austria
China
Japan
Spain
Denmark
Greece
Luxembourg
Portugal
Singapore
Poland
United
Germany
Ireland
Netherlands
Sweden
Slovenia
Hungaria
Czech Republic
Finland
Iceland
Norway
Switzerland
Korea
Israel
Y1 - Capacitor: CB-Test Certificate:
X1 - Capacitor: CB-Test Certificate:
DE-1-11002-A1
DE-1-11002-A1
33 pF ... 4.7 nF
33 pF ... 4.7 nF
500 VAC
760 VAC
Minimum thickness of insulation: 0.4 mm
UNDERWRITERS LABORATORIES INC.
UL 1414
Across-the-line, Antenna-coupling and Line-by-pass component.
33 pF ... 4.7 nF
250 VAC
Agency Files / Licences
E 183 844 V1 S1
CANADIAN STANDARDS ASSOCIATION
CSA C22.2
Across-the-line, antenna-coupling and line-by-pass component
33 pF ... 4.7 nF
250 VAC
NO 1-98
Agency Files / Licences
E 183 844 V1 S1
ORDERING INFORMATION
WKP
221
M
CP
ED0
K
R
SERIES
CAP. VALUE
TOLERANCE
RATED
VOLTAGE
LEAD
CONFIGURATION
INTERNAL
CODE
ROHS
COMPLIANT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com