Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8782SEDS/V Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8782SEDS/V
Description  24-Bit, 192kHz Stereo ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8782SEDS/V Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8782SEDS/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8782SEDS/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8782SEDS/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8782SEDS/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8782SEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8782SEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8782SEDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8782SEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8782SEDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Production Data
WM8782
w
PD, April 2010, Rev 4.7
11
DEVICE DESCRIPTION
INTRODUCTION
The WM8782 is a stereo 24-bit ADC designed for demanding recording applications such as DVD
recorders, studio mixers, PVRs, and AV amplifiers. The WM8782 consists of stereo line level inputs,
followed by a sigma-delta modulator and digital filtering.
The device offers stereo line level inputs along with two control input pins (FORMAT, IWL) to allow
operation of the audio interface in three industry standard modes (left justified, right justified or I
2S) .
An internal op-amp is integrated on the front end of the chip to accommodate analogue input signals
greater than 1Vrms. The device also has a high pass filter to remove residual DC offsets.
The WM8782 offers Master or Slave mode clocking schemes. A control input pin M/S is used to allow
Slave mode or Master mode operation. The WM8782 supports master clock rates from 128fs to 768fs
and digital audio output word lengths from 16-24 bits. Sampling rates from 8kHz to 192kHz are
supported, delivering high SNR operating with 128x, 64x or 32x over-sampling, according to the
sample rate.
The line inputs are biased internally through the operational amplifier to VMID.
ADC
The WM8782 uses a multi-bit over sampled sigma-delta ADC. A single channel of the ADC is
illustrated in Figure 5.
LIN/RIN
ANALOG
INTEGRATOR
MULTI
BITS
TO ADC DIGITAL FILTERS
Figure 5 Multi-Bit Oversampling Sigma Delta ADC Schematic
The use of multi-bit feedback and high oversampling rates reduces the effects of jitter and high
frequency noise.
The ADC Full Scale input is 1.0V rms at AVDD = 5.0 volts. Any input voltage greater than full scale
will possibly overload the ADC and cause distortion. Note that the full scale input has a linear
relationship with AVDD. The internal op-amp and appropriate resistors can be used to reduce signals
greater than 1Vrms before they reach the ADC.
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface.
ADC OUTPUT PHASE
In the input to output data-path, the digital output data DOUT, is a phase inverted representation of
the analogue input signal.
ADC DIGITAL FILTER
The ADC digital filters contain a digital high pass filter. The high-pass filter response detailed in Digital
Filter Characteristics. The operation of the high pass filter removes residual DC offsets that are
present on the audio signal.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com