Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMF Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # WMF
Description  Film/Foil, Axial Leads - Commercial, Industrial Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

WMF Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  WMF Datasheet HTML 1Page - Cornell Dubilier Electronics WMF Datasheet HTML 2Page - Cornell Dubilier Electronics WMF Datasheet HTML 3Page - Cornell Dubilier Electronics WMF Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type WMF Polyester Film Capacitors
Film/Foil, Axial Leads
Cap.
Catalog
D
L
d
dV/dt
Cap.
Catalog
D
L
d
dV/dt
µF
Part Number
mm
mm
mm
V/μs
µF
Part Number
mm
mm
mm
V/μs
100 Vdc
0.2700 WMF2P27K-F
12.7
30.1
0.6
1900
0.0680 WMF1S68K-F
7.5
20.6
0.6
2100
0.3300 WMF2P33K-F
13.8
32.0
0.6
1500
0.0820 WMF1S82K-F
7.0
23.8
0.6
1600
0.3900 WMF2P39K-F
14.3
33.3
0.8
1500
0.1000 WMF1P1K-F
8.5
23.8
0.6
1600
0.4700 WMF2P47K-F
15.5
33.3
0.8
1500
0.1200 WMF1P12K-F
8.0
23.8
0.6
1600
0.5600 WMF2P56K-F
16.8
33.3
1.0
1500
0.1500 WMF1P15K-F
8.6
23.8
0.6
1600
0.6800 WMF2P68K-F
16.8
41.3
1.0
1500
0.1800 WMF1P18K-F
8.8
27.0
0.6
1600
0.8200 WMF2P82K-F
18.2
41.3
1.0
1500
0.2200 WMF1P22K-F
9.5
27.0
0.6
1600
1.0000 WMF2W1K-F
18.8
44.4
1.0
1500
0.2700 WMF1P27K-F
9.5
30.1
0.6
1600
1.2500 WMF2W1P25K-F
20.7
44.4
1.0
1500
0.3300 WMF1P33K-F
10.5
30.1
0.6
1600
1.5000 WMF2W1P5K-F
20.5
46.0
1.0
650
0.3900 WMF1P39K-F
10.9
30.1
0.6
1600
2.0000 WMF2W2K-F
24.5
47.6
1.0
650
0.4700 WMF1P47K-F
12.5
31.7
0.6
840
400 Vdc
0.5000 WMF1P5K-F
11.7
31.7
0.6
840
0.0010 WMF4D1K-F
4.8
17.4
0.5
14400
0.5600 WMF1P56K-F
12.3
31.7
0.8
840
0.0015 WMF4D15K-F
4.8
17.4
0.5
14400
0.6800 WMF1P68K-F
14.5
31.7
0.8
840
0.0018 WMF4D18K-F
4.8
17.4
0.5
14400
0.8200 WMF1P82K-F
13.7
35.9
0.8
840
0.0022 WMF4D22K-F
4.8
17.4
0.5
14400
1.0000 WMF1W1K-F
17.0
38.1
1.0
840
0.0027 WMF4D27K-F
5.3
17.4
0.5
14400
1.2500 WMF1W1P25K-F 16.4
38.1
1.0
840
0.0033 WMF4D33K-F
5.6
17.4
0.5
14400
1.5000 WMF1W1P5K-F
18.7
41.3
1.0
840
0.0039 WMF4D39K-F
5.9
17.4
0.5
14400
2.0000 WMF1W2K-F
21.2
41.3
1.0
840
0.0047 WMF4D47K-F
6.0
17.4
0.5
14400
200/250 Vdc
0.0056 WMF4D56K-F
6.7
17.4
0.6
14400
0.0010 WMF2D1K-F
4.8
14.3
0.5
7500
0.0068 WMF4D68K-F
7.2
17.4
0.6
14400
0.0015 WMF2D15K-F
4.8
14.3
0.5
7500
0.0082 WMF4D82K-F
7.7
17.4
0.6
14400
0.0022 WMF2D22K-F
4.8
14.3
0.5
7500
0.0100 WMF4S1K-F
8.4
17.4
0.6
14400
0.0027 WMF2D27K-F
4.8
14.3
0.5
7500
0.0150 WMF4S15K-F
9.9
17.4
0.6
14400
0.0033 WMF2D33K-F
4.8
14.3
0.5
7500
0.0180 WMF4S18K-F
8.0
20.6
0.6
14400
0.0039 WMF2D39K-F
4.8
14.3
0.5
7500
0.0220 WMF4S22K-F
8.9
20.6
0.6
7200
0.0047 WMF2D47K-F
5.1
14.3
0.5
7500
0.0270 WMF4S27K-F
9.6
20.6
0.6
7200
0.0050 WMF2D5K-F
5.1
14.3
0.5
7500
0.0330 WMF4S33K-F
9.5
22.2
0.6
6500
0.0056 WMF2D56K-F
5.1
14.3
0.5
7500
0.0390 WMF4S39K-F
10.2
22.2
0.6
6500
0.0068 WMF2D68K-F
5.1
14.3
0.5
7500
0.0470 WMF4S47K-F
11.0
22.2
0.6
6500
0.0082 WMF2D82K-F
5.5
14.3
0.5
7500
0.0560 WMF4S56K-F
9.8
27.0
0.6
3600
0.0100 WMF2S1K-F
5.8
14.3
0.5
7500
0.0680 WMF4S68K-F
10.3
27.0
0.6
3600
0.0150 WMF2S15K-F
6.7
14.3
0.6
7500
0.0820 WMF4S82K-F
10.3
27.0
0.6
3600
0.0180 WMF2S18K-F
7.1
14.3
0.6
7500
0.1000 WMF4P1K-F
12.4
27.0
0.6
3600
0.0220 WMF2S22K-F
6.6
17.4
0.6
3700
0.1500 WMF4P15K-F
13.6
31.7
0.6
2400
0.0270 WMF2S27K-F
6.6
17.4
0.6
3700
0.1800 WMF4P18K-F
13.6
34.9
0.6
2400
0.0330 WMF2S33K-F
7.0
20.6
0.6
2500
0.2200 WMF4P22K-F
15.1
34.9
0.8
2400
0.0390 WMF2S39K-F
7.5
20.6
0.6
2500
0.2700 WMF4P27K-F
15.5
38.1
0.8
2400
0.0470 WMF2S47K-F
7.5
20.6
0.6
2500
0.3300 WMF4P33K-F
15.9
41.3
0.8
2400
0.0560 WMF2S56K-F
7.5
20.6
0.6
2500
0.3900 WMF4P39K-F
15.9
41.3
0.8
2400
0.0680 WMF2S68K-F
8.0
20.6
0.6
2500
0.4700 WMF4P47K-F
18.5
41.3
1.0
2400
0.0820 WMF2S82K-F
7.6
23.8
0.6
1900
0.5600 WMF4P56K-F
19.2
44.4
1.0
2400
0.1000 WMF2P1K-F
8.1
23.8
0.6
1900
0.6800 WMF4P68K-F
20.8
44.4
1.0
2400
0.1500 WMF2P15K-F
9.5
23.8
0.6
1900
0.8200 WMF4P82K-F
22.7
44.4
1.0
2400
0.2200 WMF2P22K-F
10.5
30.1
0.6
1900
1.0000 WMF4W1K-F
22.7
50.8
1.0
1300
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com