Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8422ARMZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8422ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8422ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8422ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8422ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8422ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8422ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8422ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8422ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8422ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8422
Data Sheet
Rev. 0 | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = ±15, VREF = 0 V, RL = 10 kΩ, unless otherwise noted.
–90
–60
–30
0
30
60
90
0
50
100
150
200
250
300
350
400
INPUT OFFSET VOLTAGE (µV)
Figure 4. Typical Distribution of Input Offset Voltage
–900
–600
–300
0
300
600
900
0
200
400
600
800
POSITIVE INPUT BIAS CURRENT (pA)
Figure 5. Typical Distribution of Input Bias Current
–9
–6
–3
0
3
6
9
0
100
200
300
400
500
PSRR G = 1 (µV/V)
Figure 6. Typical Distribution of PSRR (G = 1)
–300
–200
–100
0
100
200
300
0
50
100
150
200
250
300
350
400
OUTPUT OFFSET VOLTAGE (µV)
Figure 7. Typical Distribution of Output Offset Voltage
–300
–200
–100
0
100
200
300
0
100
200
300
400
INPUT OFFSET CURRENT (pA)
Figure 8. Typical Distribution of Input Offset Current
–40
–20
0
20
40
0
100
200
300
400
500
CMRR G = 1 (µV/V)
Figure 9. Typical Distribution of CMRR (G = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com