Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7048 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7048
Description  High-Speed, Rail-to-Rail I/O, Quad CMOS Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7048 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7048 Datasheet HTML 3Page - New Japan Radio NJU7048 Datasheet HTML 4Page - New Japan Radio NJU7048 Datasheet HTML 5Page - New Japan Radio NJU7048 Datasheet HTML 6Page - New Japan Radio NJU7048 Datasheet HTML 7Page - New Japan Radio NJU7048 Datasheet HTML 8Page - New Japan Radio NJU7048 Datasheet HTML 9Page - New Japan Radio NJU7048 Datasheet HTML 10Page - New Japan Radio NJU7048 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJU7048
- 7 -
Ver 00
Input Offset Voltage vs. Temperature
VDD=5V, VICM=2.5V
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100 125 150
Temperature [ºC]
Input Voltage Noise vs. Frequency
VDD=5V, RS=100Ω, RF=10kΩ, Ta=25°C
0
50
100
150
200
10
100
1k
10k
100k
Frequency [Hz]
Input Offset Voltage Distribution
VDD=5V, VICM=2.5V, Ta=25ºC
0
10
20
30
40
50
60
70
80
90
-6 -5 -4 -3 -2 -1 012 3456
Input Offset Voltage[mV]
N=200
σ=0.88mV
Input Offset Voltage Drift Distribution
VDD=5V, VICM=2.5V, Ta=-40ºC to 125ºC
0
10
20
30
40
50
60
-10 -8 -6 -4 -2
024
6
8
10
Input Offset Voltage Drift[µV/ºC]
N=200
σ=1.59 µV/ºC
Supply Current vs. Supply Voltage(Temperature)
VICM=VDD/2
0
1
2
3
4
5
6
7
8
02
468
Supply Voltage [V]
Ta=+125°C
Ta=-40°C
Ta=+25°C
Supply Current vs. Temperature
VICM=VDD/2
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [ºC]
VDD=2.7V
VDD=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com