Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7367 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7367
Description  Single-phase DC Brushless Motor Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7367 Datasheet(HTML) 7 Page - New Japan Radio

  NJU7367 Datasheet HTML 1Page - New Japan Radio NJU7367 Datasheet HTML 2Page - New Japan Radio NJU7367 Datasheet HTML 3Page - New Japan Radio NJU7367 Datasheet HTML 4Page - New Japan Radio NJU7367 Datasheet HTML 5Page - New Japan Radio NJU7367 Datasheet HTML 6Page - New Japan Radio NJU7367 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJU7367
- 7 -
Ver.2013-04-22
TYPICALCHARACTERISTICS
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including the
industrial rights.
IDD vs. Temperature
VDD=5V, IN+=VDD, IN-=GND
0
0.5
1
1.5
-50
0
50
100
150
Temperature[deg]
VFG vs. Temperature
VDD=5V, IN+=VDD, IN-=GND, Io=+5mA
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
-50
0
50
100
150
Temperature[deg]
VOH(sat) vs. Temperature
IN+=VDD, IN-=GND, Io=350mA
0
50
100
150
200
250
300
350
-50
0
50
100
150
Temperature[deg]
VOL(sat) vs. Temperature
IN+=GND, IN-=VDD, Io=350mA
0
50
100
150
200
250
300
350
-50
0
50
100
150
Temperature[deg]
tON vs. Temperature
VDD=5V, IN+=VDD, IN-=GND
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
0
50
100
150
Temperature[deg]
tOFF vs. Temperature
VDD=5V, IN+=VDD, IN-=GND
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-50
0
50
100
150
Temperature[deg]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com