Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4132 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4132
Description  Switching Regulator IC for Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4132 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4132 Datasheet HTML 3Page - New Japan Radio NJW4132 Datasheet HTML 4Page - New Japan Radio NJW4132 Datasheet HTML 5Page - New Japan Radio NJW4132 Datasheet HTML 6Page - New Japan Radio NJW4132 Datasheet HTML 7Page - New Japan Radio NJW4132 Datasheet HTML 8Page - New Japan Radio NJW4132 Datasheet HTML 9Page - New Japan Radio NJW4132 Datasheet HTML 10Page - New Japan Radio NJW4132 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJW4132
- 7 -
Ver.2013-04-16
TYPICAL CHARACTERISTICS
Oscillation Frequency vs. Supply Voltage
(A ver., VIN-=0.9V, Ta=25°C)
280
285
290
295
300
305
310
315
320
0
10203040
Supply Voltage V
+ (V)
Oscillation Frequency vs. Supply Voltage
(B ver., VIN-=0.9V, Ta=25°C)
680
685
690
695
700
705
710
715
720
0
10203040
Supply Voltage V
+ (V)
Quiescent Current vs. Supply Voltage
(B ver., RL=no load, VIN-=0.9V, Ta=25°C)
0
0.5
1
1.5
2
2.5
3
0
1020
3040
Supply Voltage V
+ (V)
Quiescent Current vs. Supply Voltage
(A ver., RL=no load, VIN-=0.9V, Ta=25°C)
0
0.5
1
1.5
2
2.5
3
0
10203040
Supply Voltage V
+ (V)
Reference Voltage vs. Supply Voltage
(Ta=25°C)
0.99
0.995
1
1.005
1.01
0
1020
3040
Supply Voltage V
+ (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com