Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSC4527 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSC4527
Description  Wirewound Resistors, Precision Power, Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSC4527 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSC4527 Datasheet HTML 1Page - Vishay Siliconix WSC4527 Datasheet HTML 2Page - Vishay Siliconix WSC4527 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30102
2
Revision: 17-Feb-11
WSC, WSN
Vishay Dale
Wirewound Resistors,
Precision Power, Surface Mount
DIMENSIONS in inches (millimeters)
TEMPERATURE RISE
DERATING
Note
(1) As of 1/1/2010, WSC0001 and WSC0002 will be molded with thermoplastic and have the higher 275 °C temperature derating.
Note
• Embossed Carrier Tape per EIA-481.
GLOBAL
MODEL
DIMENSIONS
SOLDER PAD DIMENSIONS
L
H
T
W
W1
AB
L
WSC01/2
0.200 ± 0.020
(5.08 ± 0.508)
0.096 ± 0.015
(2.44 ± 0.381)
0.040 ± 0.010
(1.02 ± 0.254)
0.125 ± 0.005
(3.18 ± 0.127)
0.050 ± 0.010
(1.27 ± 0.254)
0.085 (2.16)
0.070 (1.78)
0.080 (2.03)
WSC0001
0.250 ± 0.020
(6.35 ± 0.508)
0.110 ± 0.015
(2.79 ± 0.381)
0.045 ± 0.010
(1.14 ± 0.254)
0.150 ± 0.005
(3.81 ± 0.127)
0.098 ± 0.005
(2.49 ± 0.127)
0.090 (2.29)
0.115 (2.92)
0.115 (2.92)
WSC2515
0.250 ± 0.020
(6.35 ± 0.508)
0.110 ± 0.015
(2.79 ± 0.381)
0.045 ± 0.010
(1.14 ± 0.254)
0.150 ± 0.005
(3.81 ± 0.127)
0.098 ± 0.005
(2.49 ± 0.127)
0.090 (2.29)
0.115 (2.92)
0.120 (3.05)
WSC0002
0.455 ± 0.020
(11.56 ± 0.508)
0.167 ± 0.010
(4.24 ± 0.254)
0.100 ± 0.010
(2.54 ± 0.254)
0.275 ± 0.005
(6.98 ± 0.127)
0.215 ± 0.005
(5.46 ± 0.127)
0.155 (3.94)
0.230 (5.84)
0.205 (5.21)
WSC4527
0.455 ± 0.020
(11.56 ± 0.508)
0.167 ± 0.010
(4.24 ± 0.254)
0.100 ± 0.010
(2.54 ± 0.254)
0.275 ± 0.005
(6.98 ± 0.127)
0.215 ± 0.005
(5.46 ± 0.127)
0.155 (3.94)
0.230 (5.84)
0.205 (5.21)
WSC6927
0.690 ± 0.032
(17.53 ± 0.813)
0.280 ± 0.015
(7.11 ± 0.381)
0.100 ± 0.010
(2.54 ± 0.254)
0.275 ± 0.005
(6.98 ± 0.127)
0.215 ± 0.015
(5.46 ± 0.381)
0.155 (3.94)
0.235 (5.97)
0.470 (11.94)
W
L
T
W1
H
l
a
b
0
0.5
1.0
1.5
2.0
2.5
3.0
Power in W
200
150
100
50
0
WSC0001
WSC2515
WSC01/2
WSC6927
WSC0002
WSC4527
- 65
- 25
25
75
125
175
225
275
Ambient Temperature in °C
120
100
80
60
40
20
0
70
WSC01/2
WSC0001 (1)
WSC0002 (1)
WSC2515
WSC4527
WSC6927
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.05
) R
Short Time Overload
5 x rated power for 5 s
± (0.2 % + 0.05
) R
Low Temperature Storage
- 65 °C for 24 h
± (0.2 % + 0.05
) R
High Temperature Exposure
1000 h at + 275 °C (+ 175 °C for WSC01/2)
± (0.5 % + 0.05
) R
Bias Humidity
+ 85 °C, 85 % RH, 10 % bias, 1000 h
± (0.2 % + 0.05
) R
Mechanical Shock
100 g’s for 11 ms, 5 pulses
± (0.1 % + 0.05
) R
Vibration
Frequency varied 10 Hz to 500 Hz in 1 min, 3 directions, 9 h
± (0.1 % + 0.05
) R
Load Life
1000 h at rated power, + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.05
) R
Resistance to Solder Heat
+ 260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.05
) R
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSC01/2
12 mm/embossed plastic
330 mm/13"
2000
EA/TA
WSC0001/WSC2515
16 mm/embossed plastic
330 mm/13"
2000
EA/TA
WSC0002/WSC4527
24 mm/embossed plastic
330 mm/13"
1200
EA/TA
WSC6927
32 mm/embossed plastic
330 mm/13”
725
EA/TA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com