Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6830 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6830
Description  100 Watts WR-51 RF Load Up To 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6830 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6830 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6830 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
100 Watts WR-51 RF Load Up To 18 GHz
Configuration
Connector
WR-51
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
15 to 22
Impedance, Ohms
50
Maximum VSWR
1.1:1
Maximum Input Power, Watts
100
Mechanical Specifications
Size
Length, in [mm]
4 [101.6]
Width/Dia., in [mm]
2.4 [60.96]
Height, in [mm]
2.4 [60.96]
.
Color
Black
Connector
Type
WR-51
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
100 Watts WR-51 RF Load Up To 18 GHz from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 100 Watts WR-51 RF Load Up To 18 GHz PE6830
URL: http://www.pasternack.com/high-power-waveguide-termination-frequency-range-1500-2200-ghz-pe6830-p.aspx
PE6830
PE6830 REV
100 Watts WR-51 RF Load Up To 18 GHz


Similar Part No. - PE6830

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
175 Watts WR-62 RF Load Up To 18 GHz
PE6831 PASTERNACK-PE6831 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
PE6831 PASTERNACK-PE6831_16 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
PE6832 PASTERNACK-PE6832 Datasheet
210Kb / 2P
175 Watts WR-75 RF Load Up To 15 GHz
PE6832 PASTERNACK-PE6832 Datasheet
776Kb / 3P
175 Watts High Power WR-75 Waveguide Load
More results

Similar Description - PE6830

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
1 Watts WR-51 RF Load Up To 18 GHz
PE6804 PASTERNACK-PE6804 Datasheet
207Kb / 2P
1.5 Watts WR-62 RF Load Up To 18 GHz
PE6812 PASTERNACK-PE6812 Datasheet
207Kb / 2P
1 Watts Precision WR-51 RF Load Up To 22 GHz
PE6813 PASTERNACK-PE6813 Datasheet
206Kb / 2P
1.5 Watts Precision WR-62 RF Load Up To 18 GHz
PE6821 PASTERNACK-PE6821 Datasheet
207Kb / 2P
55 Watts WR-51 RF Load Up To 18 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
60 Watts WR-62 RF Load Up To 18 GHz
PE6825 PASTERNACK-PE6825 Datasheet
208Kb / 2P
100 Watts WR-102 RF Load Up To 11 GHz
PE6826 PASTERNACK-PE6826 Datasheet
207Kb / 2P
100 Watts WR-112 RF Load Up To 10 GHz
PE6829 PASTERNACK-PE6829 Datasheet
215Kb / 2P
100 Watts WR-42 RF Load Up To 26.5 GHz
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
175 Watts WR-62 RF Load Up To 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com