Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4841A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C4841A
Description  1P 24AWG (7/32) TC PE, OAS, PVC COMPUTER CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C4841A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C4841A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A.
B.
C.
D.
E.
Drain Wire:
#24 AWG (7/32) Tinned Copper
CUSTOMER APPROVAL
Signature:
Date:
COLOR
WHITE/BLUE STRIPE - BLUE/WHITE STRIPE
Characteristic Impedance:
120 Ohms @ 1MHz (nom)
COLOR CODE
PAIR
1
Conductor DCR:
27.7 Ohms/M' @ 20°C (Max)
Mutual Capacitance:
14.2 pF/ft @ 1kHz (nom)
Ground Capacitance:
25.6 pF/ft @ 1kHz (nom)
UL Standard 758
AWM Style 2919
ELECTRICAL PROPERTIES
Temperature:
-20°C to +80°C
Suggested Working Voltage:
300V Max
Print Legend:
CAROL (R) 24 AWG - - C4841A - - 75C E105765-H CM(UL) C(UL) CMH OR 80C AWM
STYLE 2919 30V LOW VOLTAGE COMPUTER CABLE - - MADE IN USA (date code)
(sequential footage)
INDUSTRY APPROVALS
National Electrical Code
Article 800
UL Standard 444
Type CM, CMH
Braid:
Tinned copper braid shield, 90% coverage
.171" Nom
Jacket:
.032" Wall, Polyvinyl Chloride (PVC)
.235" +/- 0.012"
Pair:
2 conductors @ 1.75" LHL
Overall Shield:
Aluminum/polyester tape, foil out in contact with drain
.149" Nom
CONSTRUCTION
DIAMETERS
Conductor:
#24 AWG (7/32) Tinned Copper
.023" Nom
Insulation:
.024" Wall, Polyethylene (PE)
.071" Nom
Product Data Sheet
Part Number:
C4841A
Revision:
11/29/2012
1P 24AWG (7/32) TC PE, OAS, PVC
COMPUTER CABLE
Note: Data subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C4841A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4842A GENERAL-C4842A Datasheet
59Kb / 1P
2P 24AWG (7/32) TC PE, OAS, PVC COMPUTER CABLE
C4843A GENERAL-C4843A Datasheet
59Kb / 1P
3P 24AWG (7/32) TC PE, OAS, PVC COMPUTER CABLE
C4844A GENERAL-C4844A Datasheet
59Kb / 1P
4P 24AWG (7/32) TC PE, OAS, PVC COMPUTER CABLE
More results

Similar Description - C4841A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4842A GENERAL-C4842A Datasheet
59Kb / 1P
2P 24AWG (7/32) TC PE, OAS, PVC COMPUTER CABLE
C4843A GENERAL-C4843A Datasheet
59Kb / 1P
3P 24AWG (7/32) TC PE, OAS, PVC COMPUTER CABLE
C4844A GENERAL-C4844A Datasheet
59Kb / 1P
4P 24AWG (7/32) TC PE, OAS, PVC COMPUTER CABLE
C6045A GENERAL-C6045A Datasheet
75Kb / 1P
19SP 22 7/30 TC PE PVC Computer Cable
C6052A GENERAL-C6052A Datasheet
74Kb / 1P
3SP 20 7/28 TC PE PVC Computer Cable
C6053A GENERAL-C6053A Datasheet
74Kb / 1P
6SP 20 7/28 TC PE PVC Computer Cable
C6054A GENERAL-C6054A Datasheet
74Kb / 1P
9SP 20 7/28 TC PE PVC Computer Cable
C6056A GENERAL-C6056A Datasheet
74Kb / 1P
12SP 20 7/28 TC PE PVC Computer Cable
C6058A GENERAL-C6058A Datasheet
75Kb / 1P
15SP 20 7/28 TC PE PVC Computer Cable
C6059A GENERAL-C6059A Datasheet
74Kb / 1P
12SP 22 7/30 TC PE PVC Computer Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com