Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012 Datasheet(PDF) 7 Page - TDK Electronics

Part # MPZ2012
Description  Chip Beads For Power Line
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MPZ2012 Datasheet(HTML) 7 Page - TDK Electronics

Back Button MPZ2012 Datasheet HTML 3Page - TDK Electronics MPZ2012 Datasheet HTML 4Page - TDK Electronics MPZ2012 Datasheet HTML 5Page - TDK Electronics MPZ2012 Datasheet HTML 6Page - TDK Electronics MPZ2012 Datasheet HTML 7Page - TDK Electronics MPZ2012 Datasheet HTML 8Page - TDK Electronics MPZ2012 Datasheet HTML 9Page - TDK Electronics MPZ2012 Datasheet HTML 10Page - TDK Electronics MPZ2012 Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
• All specifications are subject to change without notice.
(6/10)
001-05 / 20110928 / e9413_mpz
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
∗1 Test equipment: E4991A or equivalent
Test tool
: 16192A or equivalent
Test temperature: 25±10°C
∗2 Please refer to the graph of RATED CURRENT vs. TEMPERATURE
CHARACTERISTICS(DERATING) about the rating current at 85°C or
more in temperature of the product.
RATED CURRENT vs. TEMPERATURE CHARACTERISTICS
(DERATING)
Thickness(T)
Weight
0.6±0.15mm
3mg
0.8±0.15mm
4mg
Operating/storage
–55 to +125°C
Packaging style
Quantity
Taping
4000 pieces/reel
1.6±0.15
0.3±0.2
0.3±0.2
0.8
0.6
0.6
Dimensions in mm
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
Part No.
Impedance
(
Ω)[100MHz]∗1
DC resistance
(
Ω)max.
Rated current∗2
(A)max.
Thickness
T(mm)
MPZ1608B471A 470±25%
0.150
1.0
0.8
MPZ1608S300A 30±10
Ω
0.010
5.0
0.6
MPZ1608S600A 60±25%
0.020
3.5
0.6
MPZ1608S101A 100±25%
0.030
3.0
0.6
MPZ1608S121A 120±25%
0.045
2.0
0.6
MPZ1608S181A 180±25%
0.050
2.0
0.6
MPZ1608S221A 220±25%
0.050
2.2
0.8
MPZ1608S331A 330±25%
0.080
1.7
0.8
MPZ1608R391A 390±25%
0.120
1.2
0.8
MPZ1608S471A 470±25%
0.150
1.0
0.8
MPZ1608S601A 600±25%
0.150
1.0
0.8
MPZ1608S102A 1000±25%
0.300
0.8
0.8
MPZ1608Y600B 60±25%
0.030
2.3
0.8
MPZ1608Y101B 100±25%
0.040
2.0
0.8
MPZ1608Y151B 150±25%
0.050
1.8
0.8
MPZ1608Y221B 220±25%
0.100
1.5
0.8
MPZ1608D300B 30±10
Ω
0.060
1.8
0.8
MPZ1608D600B 60±25%
0.100
1.2
0.8
MPZ1608D101B 100±25%
0.150
1.0
0.8
0
1
2
3
4
5
6
–55 –35
–15
5
25
45
65
85
105
125
Temperature(˚C)
S300A
S600A
S101A
Y600B
B471A,S471A,S601A,D101B
S102A
Y221B
S331A
R391A,D600B
S221A
Y151B,D300B
S121A,S181A,Y101B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com