Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I607 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I607
Description  5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I607 Datasheet(HTML) 1 Page - ILSI America LLC

  I607 Datasheet HTML 1Page - ILSI America LLC I607 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
I607 Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
10/10_C
Specifications subject to change without notice
Page 1
Pin
Connection
1
Control Voltage
2
Enable / Disable
3
Ground
4
Output
5
N.C.
6
Vdd
5.08
4.2
2.0
Bypass =0.01 uF
7.0 0.3
5.0
0.2
Dimension Units: mm
Recommended Pad Layout
5.08
2.0 Max.
Product Features:
Applications:
Small Surface Mount Package
SD/HD Video
Low Noise
Wireless Base Stations
Pb Free/ RoHS Complient
Sonet /SDH
Compatible with Leadfree Processing
Server and Storage
Frequency
1 MHz to 77.760 MHz
Output Level
LVDS
LVPECL
Vod = 393 mV Typ., 475 mV Max.
‘0’ = Vcc - 1.63 V Max.
‘1’ = Vcc - 1.02 V Min.
Duty Cycle
50% ±10%
Rise / Fall Time
0.6 nS Max.
Output Load
LVDS
LVPECL
100
 Differential
50
 to Vcc - 2.0 VDC
Frequency Stability
50 ppm Max.
Start-up Time
10 mS Max.
Supply Voltage
3.3 VDC ± 5%
Current
LVDS = 90 mA Max., LVPECL = 130 mA Max.
Linearity
15% Max.
Pullability
See Table Below
Control Voltage
1.65 VDC ± 1.5 VDC
Input Impedance
50K
 Min.
Jitter
<1.0 pS RMS (12 kHz to 20 MHz)*
Operating
See Operating Temperature Table in Part Number Guide
Storage
-55C to +125C
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 6) and GND (pin 3) to minimize power supply noise.
*Frequency related, for additional information contact your sales representative. ** Not available for all temperature ranges.
Part Number Guide
Sample Part Number:
I607–1BC8H–77.760
Package
Operating
Temperature
Stability
(in ppm)
Pullability
Output
Enable /
Disable
Frequency
I607
1 = 0
 C to +70 C
**D =
15
B =
50 ppm
8 = LVDS
H = Enable
-77.760 MHz
3 = -20
 C to +70 C
A =
25
C =
100 ppm
9 = LVPECL
2 = -40
 C to +85 C
B =
50
C =
100


Similar Part No. - I607

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I603 ILSI-I603 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB3H2-20.000 ILSI-I603-1AB3H2-20.000 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB3H5-20.000 ILSI-I603-1AB3H5-20.000 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB5H2-20.000 ILSI-I603-1AB5H2-20.000 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I603-1AB5H5-20.000 ILSI-I603-1AB5H5-20.000 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
More results

Similar Description - I607

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I605 ILSI-I605 Datasheet
49Kb / 2P
5 mm x 7 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I617 ILSI-I617 Datasheet
50Kb / 2P
5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
I630 ILSI-I630 Datasheet
53Kb / 3P
5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I631 ILSI-I631 Datasheet
53Kb / 3P
5 mm x 7 mm Ceramic Low Noise SMD VCXO, LVCMOS / LVPECL / LVDS
I640 ILSI-I640 Datasheet
56Kb / 3P
3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
ISM63 ILSI-ISM63 Datasheet
112Kb / 3P
5 mm x 7 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM73 ILSI-ISM73 Datasheet
113Kb / 3P
5 mm x 7 mm Ceramic Low Noise SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM98 ILSI-ISM98 Datasheet
54Kb / 2P
5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM99 ILSI-ISM99 Datasheet
51Kb / 2P
5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
I642 ILSI-I642 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD VCXO LVCMOS / LVPECL / LVDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com