Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129T Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF2129T
Description  Accurate RTC with integrated quartz crystal for industrial
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129T Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF2129T Datasheet HTML 51Page - NXP Semiconductors PCF2129T Datasheet HTML 52Page - NXP Semiconductors PCF2129T Datasheet HTML 53Page - NXP Semiconductors PCF2129T Datasheet HTML 54Page - NXP Semiconductors PCF2129T Datasheet HTML 55Page - NXP Semiconductors PCF2129T Datasheet HTML 56Page - NXP Semiconductors PCF2129T Datasheet HTML 57Page - NXP Semiconductors PCF2129T Datasheet HTML 58Page - NXP Semiconductors PCF2129T Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
PCF2129T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 12 February 2013
55 of 73
NXP Semiconductors
PCF2129T
Accurate RTC with integrated quartz crystal for industrial
[1]
For reliable oscillator start-up at power-on: VDD(po)min =VDD(min) +0.3 V.
[2]
Timer source clock = 1⁄60 Hz, level of pins SDA/CE, SDI, and SCL is VDD or VSS.
[3]
When the device is supplied by the VBAT pin instead of the VDD pin, the current values for IBAT will be as specified for IDD under the same
conditions.
[4]
The I2C-bus interface of PCF2129T is 5 V tolerant.
[5]
Tested on sample basis.
[6]
For further information, see Figure 38.
Inputs[4]
VI
input voltage
0.5
-
VDD +0.5
V
VIL
LOW-level input voltage
-
-
0.25VDD
V
Tamb = 20 C to +85 C;
VDD > 2.0 V
--0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
--V
ILI
input leakage current
VI =VDD or VSS
-0
-
A
post ESD event
1-
+1
A
Ci
input capacitance
[5] --7
pF
Outputs
VO
output voltage
on pins CLKOUT, INT,
referring to external pull-up
0.5
-
5.5
V
on pin SDO
0.5
-
VBBS + 0.5 V
IOL
LOW-level output current
output sink current;
VOL = 0.4 V
on pin SDA/CE
[6] 317
-
mA
on all other outputs
1.0
-
-
mA
IOH
HIGH-level output current
output source current;
on pin SDO; VOH = 3.8 V;
VDD = 4.2 V
1.0
--mA
ILO
output leakage current
VO = VDD or VSS
-0
-
A
post ESD event
1-
+1
A
Table 53.
Static characteristics …continued
VDD = 1.8 V to 4.2 V; VSS =0V; Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com