Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I631-63FC3O2-155.520 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I631-63FC3O2-155.520
Description  5 mm x 7 mm Ceramic Low Noise SMD VCXO, LVCMOS / LVPECL / LVDS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I631-63FC3O2-155.520 Datasheet(HTML) 1 Page - ILSI America LLC

  I631-63FC3O2-155.520 Datasheet HTML 1Page - ILSI America LLC I631-63FC3O2-155.520 Datasheet HTML 2Page - ILSI America LLC I631-63FC3O2-155.520 Datasheet HTML 3Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5 mm x 7 mm Ceramic Low Noise SMD VCXO,
LVCMOS / LVPECL / LVDS
I631 - Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
10/17/12_B
Specifications subject to change without notice
Page 1
5.08
4.2
1.9
7.0 0.3
5.0
0.2
Recommended Pad Layout
5.08
1.9 Max.
2.0
Dimension Units: mm
Pin
Connection
1
Voltage Control
2
Enable/Disable or N/C
3
GND
4
Output
5
Output or N/C
6
VDD
Frequency
LVCMOS
LVPECL
LVDS
10 MHz to 225 MHz
10 MHz to 1500 MHz
10 MHz to 1500 MHz
Output Level
LVCMOS
LVPECL
LVDS
VOH=90% VDD min., VOL=10 % VDD max.
VOH=VDD-1.03V max. (Nom. Load), VOL=VDD-1.6V max. (Nom. Load)
VOD=(Diff. Output) 350mV Typ.
Duty Cycle
LVCMOS
LVPECL
LVDS
50% ±5% @ 50%VDD
50% ±5% @ 50%*
50% ±5% @ 50%*
Rise / Fall Time
LVCMOS
LVPECL
LVDS
3.0 ns max. (90%/10%)*
0.6 ns max. (80%/20%)*
0.6 ns max. (80%/20%)*
Output Load
LVCMOS
LVPECL
LVDS
15pF
50
 to VDD - 2.0 VDC
RL=100
/CL=10pF
Frequency Stability
See Table Below
Supply Voltage
3.3 VDC ± 10%, 2.5 VDC ± 5%
Current
LVCMOS = 25 mA max., LVPECL = 60 mA max. LVDS = 35 mA max.
Linearity
10% max.
Pullability
See Table Below
Control Voltage
1.65 VDC ± 1.65 VDC @ 3.3V
1.25 VDC ± 1.25 VDC @ 2.5V
Input Impedance
50K
 min.
Phase Jitter (RMS)
At 12kHz to 20 MHz
0.5 ps typical
Operating Temp.
Range
See Table Below
Storage
-40C to +100C
Part Number Guide
Sample Part Number:
I631–31AB9H2–155.520
Package
Input
Voltage
Operating
Temperature
Stability
(in ppm)
Pullabilty
Output
Enable / Disable
(Pin 2)
Complimentary
Ouput (Pin 5) **
Frequency
I631
3 = 3.3V
1 = 0
 C to +70 C
F =
20
B =
 50
3 = LVCMOS
H = Enable
1 = N.C.
-155.520 MHz
6 = 2.5V
3 = -20
 C to +70 C
A =
25
C =
100
8 = LVDS
O = N/C
2 = Output
2 = -40
 C to +85 C
B =
50
9 = LVPECL
NOTE: A 0.01 µF bypass capacitor is recommended between VDD (pin 6) and GND (pin 3) to minimize power supply noise. * Measured as percent of
waveform. ** Available on LVDS and LVPECL ouput only.
Product Features
Applications
Small Surface Mount Package
xDSL
Ethernet/LAN/WAN
Low RMS Phase Jitter
Broadcast video
Optical modules
Frequencies to 1500 MHz
Wireless Base Stations
Clock and data recovery
Pb Free/ RoHS Compliant
Sonet /SDH
FPGA/ASIC
Leadfree Processing
WiMAX/WLAN
Backplanes
Server and Storage
GPON


Similar Part No. - I631-63FC3O2-155.520

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I630 ILSI-I630 Datasheet
53Kb / 3P
5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
logo
Jiangsu Donghai Semicon...
I630 WXDH-I630 Datasheet
1Mb / 11P
9A 200V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
logo
ILSI America LLC
I630-31AB3K1-155.520 ILSI-I630-31AB3K1-155.520 Datasheet
53Kb / 3P
5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I630-31AB3K2-155.520 ILSI-I630-31AB3K2-155.520 Datasheet
53Kb / 3P
5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I630-31AB3O1-155.520 ILSI-I630-31AB3O1-155.520 Datasheet
53Kb / 3P
5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
More results

Similar Description - I631-63FC3O2-155.520

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I607 ILSI-I607 Datasheet
50Kb / 2P
5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
I617 ILSI-I617 Datasheet
50Kb / 2P
5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
I630 ILSI-I630 Datasheet
53Kb / 3P
5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I640 ILSI-I640 Datasheet
56Kb / 3P
3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I641 ILSI-I641 Datasheet
56Kb / 3P
3.2 mm x 5.0 mm Ceramic Low Noise SMD VCXO, LVCMOS / LVPECL / LVDS
ISM63 ILSI-ISM63 Datasheet
112Kb / 3P
5 mm x 7 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM73 ILSI-ISM73 Datasheet
113Kb / 3P
5 mm x 7 mm Ceramic Low Noise SMD Oscillator, LVCMOS / LVPECL / LVDS
I642 ILSI-I642 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD VCXO LVCMOS / LVPECL / LVDS
I643 ILSI-I643 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Low Noise SMD VCXO LVCMOS/LVPECL/LVDS
ISM75 ILSI-ISM75 Datasheet
123Kb / 3P
3.2 mm x 2.5 mm Ceramic Low Noise SMD Oscillator, LVCMOS / LVPECL / LVDS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com