Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I630-62AC3O2-155.520 Datasheet(PDF) 2 Page - ILSI America LLC

Part # I630-62AC3O2-155.520
Description  5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I630-62AC3O2-155.520 Datasheet(HTML) 2 Page - ILSI America LLC

  I630-62AC3O2-155.520 Datasheet HTML 1Page - ILSI America LLC I630-62AC3O2-155.520 Datasheet HTML 2Page - ILSI America LLC I630-62AC3O2-155.520 Datasheet HTML 3Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
I630 - Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
10/17/12_E
Specifications subject to change without notice
Page 2
SSB Phase Noise (typ.)
Offset
77.76 MHz
155.52 MHz
622.08 MHz
10Hz
100Hz
1kHz
10kHz
100kHz
-75 dBc/Hz
-105 dBc/Hz
-117 dBc/Hz
-123 dBc/Hz
-125 dBc/Hz
-62 dBc/Hz
-101 dBc/Hz
-112 dBc/Hz
-115 dBc/Hz
-118 dBc/Hz
-47 dBc/Hz
-79 dBc/Hz
-100 dBc/Hz
-104 dBc/Hz
-106 dBc/Hz
Typical Application:
Pb Free Solder Reflow Profile:
*Units are backward compatible with 240C reflow processes
Package Information:
MSL = N.A. (package does not contain plastic, storage life is
unlimited under normal room conditions).
Termination = e4 (Au over Ni over W base metalization).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com