Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M200Z Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 2M200Z
Description  2.0 Watts Glass Passivated Junction Silicon Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2M200Z Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  2M200Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2M200Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2M200Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2M200Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 2M200Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 2M200Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
creat by art
Typical IR less than 1uA
2M6.8Z
DO-15
1.5K / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Units
TJ, TSTG
℃
A0
2.0
2.0 Watts Glass Passivated Junction
Silicon Zener Diodes
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE
Packing code
(Green)
Packing code
PD
Note 1: Mount on Cu-Pad size 10mm x 10mm x 1.6mm on PCB
Note 2: Measured on 8.3ms Single half Sine-Wave of equivalent square wave, duty cycle= 4 pulse per minute maximum
Green compound with suffix "G" on packing
code & prefix "G" on datecode
DO-15
52mm
A0G
Plastic package has Underwriters
Laboratory Flammability Classification 94V-0
High temperature soldering guaranteed:
260℃ / 10 seconds/ .375", (9.5mm) lead length
Terminals: Pure tin plated, lead free,
solderable per MIL-STD-750, method 2026
Polarity: Indicated by cathode band
Weight: 0.4 grams
Type Number
Operating and Storage Temperature Range
-55 to +175
Version:I13
Steady State Power Dissipation at TL=75℃
Lead Lengths .375", 9.55mm (Note 1)
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2)
IFSM
15
Amps
Value
2M6.8Z - 2M200Z
Case: DO-15
Features
Mechanical Data
Watts


Similar Part No. - 2M200Z

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M200Z TSC-2M200Z Datasheet
320Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M200Z TSC-2M200Z Datasheet
629Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M200Z TSC-2M200Z Datasheet
214Kb / 6P
2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Luguang Electr...
2M200Z LUGUANG-2M200Z Datasheet
4Mb / 4P
2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
2M200Z LUGUANG-2M200Z Datasheet
4Mb / 4P
2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
More results

Similar Description - 2M200Z

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M11Z TSC-2M11Z Datasheet
320Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z Datasheet
629Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
2M11Z LUGUANG-2M11Z Datasheet
4Mb / 4P
2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
2M100Z LUGUANG-2M100Z Datasheet
4Mb / 4P
2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com