Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5658-Q Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 2SC5658-Q
Description  NPN Transistor Small Signal Product
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2SC5658-Q Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  2SC5658-Q Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2SC5658-Q Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2SC5658-Q Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version:A13
Small Signal Product
0
1
2
3
4
5
6
7
012
3456
78
VCE(V), COLLECTOR EMITTER VOLTAGE
FIG.1 Static Characteristic
IE=2uA
4uA
6uA
8uA
10uA
12uA
14uA
16uA
18uA
20uA
10
100
1000
0.1
1.0
10.0
100.0
COLLECTOR CURRENT IC(mA)
FIG. 2 hFE -IC
COMMON EMMITTER
VCE=6V
TA=25℃
TA=100℃
100
1000
0.1
1
10
100
Ic(mA), COLLECTOR CURRENT
β=10
FIG. 3 VBE(sat) -IC
TA=25℃
TA=100℃
1
10
100
0
0.3
0.6
0.9
1.2
VBE(V), BASE EMITTER VOLTAGE
FIG. 5 IC -VBE
COMMON EMMITTER
VCE=6V
TA=25℃
TA=100℃
10
100
1000
0.1
1
10
100
Ic(mA), COLLECTOR CURRENT
FIG. 4 VCE(sat) -IC
β=10
TA=25℃
TA=100℃
10
100
1000
0.1
1
10
100
Ic(mA), COLLECTOR CURRENT
FIG. 6 fT -IC
COMMON EMMITTER
VCE=12V
TA=25℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com