Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF4 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 31DF4
Description  3.0AMPS. Super Fast Rectifiers High efficiency, low VF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

31DF4 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  31DF4 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 31DF4 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 31DF4 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 31DF4 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
31DF4
DO-201AD
500 / AMMO box
A0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Units
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
nS
RθJA
OC/W
TJ
OC
TSTG
OC
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE
Packing
code
Storage Temperature Range
- 40 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Version:D13
Packing code
(Green)
52mm
A0G
Maximum Reverse Recovery Time (Note 2)
35
Typical Thermal Resistance
80
Operating Temperature Range
- 40 to + 150
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
VF
1.7
V
Maximum DC Reverse Current at Rated
@ TA=25 ℃
DC Blocking Voltage
@ TA=125 ℃
IR
20
uA
100
Maximum Average Forward Rectified Current
3
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
45
A
Maximum RMS Voltage
280
420
Maximum DC Blocking Voltage
400
600
Type Number
31DF4
31DF6
Maximum Recurrent Peak Reverse Voltage
400
600
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260℃/10 seconds/.375",(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 1.2 grams
31DF4 - 31DF6
3.0AMPS. Super Fast Rectifiers
DO-201AD
Features
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data


Similar Part No. - 31DF4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DF4 NIEC-31DF4 Datasheet
53Kb / 5P
Ultra - Fast Recovery Diode
logo
List of Unclassifed Man...
31DF4 ETC-31DF4 Datasheet
40Kb / 2P
3 Amp. Glass Passivated Ultrafast Recovery Rectifier
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4 Datasheet
62Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
31DF4 TSC-31DF4 Datasheet
271Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF4 BILIN-31DF4 Datasheet
52Kb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - 31DF4

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UG38G TSC-UG38G Datasheet
127Kb / 2P
3.0AMPS. Glass Passivated Super Fast Rectifiers
ESH3B TSC-ESH3B Datasheet
152Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
ES3A TSC-ES3A_11 Datasheet
229Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
ES3A LUGUANG-ES3A Datasheet
243Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES3A TSC-ES3A_13 Datasheet
289Kb / 4P
3.0AMPS Surface Mount Super Fast Rectifiers
SF31 TSC-SF31_13 Datasheet
426Kb / 4P
3.0AMPS. Super Fast Rectifiers High surge current capability
31DF4 TSC-31DF4_14 Datasheet
423Kb / 4P
3.0AMPS. Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
HER301 CHONGQING-HER301_16 Datasheet
194Kb / 1P
3.0AMPS. HIGH EFFICIENCY PLASTIC RECTIFIERS
HS3A CHONGQING-HS3A Datasheet
178Kb / 1P
3.0AMPS. HIGH EFFICIENCY PLASTIC RECTIFIERS
SF31 CHONGQING-SF31_16 Datasheet
178Kb / 1P
3.0AMPS. SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com