Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACTFLASH Datasheet(PDF) 1 Page - AAEON Technology

Part # COMPACTFLASH
Description  CompactFlash??Specification Standard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COMPACTFLASH Datasheet(HTML) 1 Page - AAEON Technology

  COMPACTFLASH Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Storage Device
Computing Platform Service Partner
01
02
03
04
05
06
07
08
09
10
11
Note: All specifications are subject to change without notice.
11-4
Single-chipPlug-N-PlayFlashDisk
LowPower,Single3.3Vor5VPowerSupply
16MBto1GBCapacity
Simple,Easy-to-integrateInterface
BootOSCapability
EmbeddedTrueFFSSoftwareProvided
FullHardDiskRead/WriteEmulation
Third-generationWearLeveling
AutomaticBlockManagement
OperateswithDiskOnChip®SDKinOS-less
Environment,ANSI-CSourceCodeKit
LowPowerConsumption&StaticOperation
BrandOSSupport:DOS,Windows®,NT4.0/5.0,
Windows®CE,BE,pSOS+,QNX,VxWorks,andOthers
DOC-2000-D32
32MB,Lowprofile
DOC-2000-D64
64MB,Lowprofile
DOC-2000-D96
96MB,Lowprofile
DOC-2000-D128
128MB,Lowprofile
DOC-2000-D144
144MB
DOC-2000-D192
192MB,Lowprofile
DOC-2000-D288
288MB
Capacity
16, 32, 64, 96, 128, 192, 256, 384MB (low-profile)
576, 768, 1024MB
Operating Temperature
Commercial: 32ºF ~ 158ºF (0ºC ~ 70ºC )
Extended: 0ºF ~ 185ºF (-40ºC ~ 85ºC )
Other
32-pin DIP, JEDEC standard, EEPROM-compatible pinout
8KB sized memory window
Error Detection and Correction (EDC/ECC) for higher data
reliability
CompactFlash™SpecificationStandard
100%ATACompatible
TrueIDEMode
AutoSleepMode
AP-SS968C003236
32MB
AP-SS968C006435
64MB
AP-SS968C012836
128MB
AP-SS968C025636
256MB
AP-SS968C051239
512MB
AP-SS968C102434
1GB
AP-SS968C204833
2GB
AP-SS968C409631
4GB
Type
Type I CompactFlash™
Capacity
32MB to 2GB
Dual Voltage
3V/5V
DiskOnChip®
CompactFlash™
Specifications
Ordering Information
Features
Features
Ordering Information
Specifications
Storage Device


Similar Part No. - COMPACTFLASH

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
COMPACT-808 COHERENT-COMPACT-808 Datasheet
639Kb / 4P
Industrial High Power Diode Laser
logo
Elma Electronic Ltd
COMPACT-CASE-20 ELMA-COMPACT-CASE-20 Datasheet
796Kb / 4P
COMPACT CASE 20
logo
Coherent Corp
COMPACT-EVO-AC COHERENT-COMPACT-EVO-AC Datasheet
937Kb / 3P
Industrial High Power Diode Laser
COMPACT-EVOLUTION COHERENT-COMPACT-EVOLUTION Datasheet
502Kb / 5P
Industrial High Power Diode Laser
COMPACT-MINI COHERENT-COMPACT-MINI Datasheet
472Kb / 4P
Industrial High Power Diode Laser
More results

Similar Description - COMPACTFLASH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
CompactFlash Card
logo
Hitachi Semiconductor
HB288256C5 HITACHI-HB288256C5 Datasheet
171Kb / 67P
CompactFlash?
HB288256C6 HITACHI-HB288256C6 Datasheet
170Kb / 67P
CompactFlash?
HB289048C4 HITACHI-HB289048C4 Datasheet
192Kb / 66P
CompactFlash?
HB28C048C6 HITACHI-HB28C048C6 Datasheet
168Kb / 66P
CompactFlash?
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
CompactFlash Card
logo
ITT Industries
CCM05-5791T30 ITT-CCM05-5791T30 Datasheet
313Kb / 4P
CompactFlash Header
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
Supports CompactFlash
FIC AXIOMTEK-FIC_17 Datasheet
380Kb / 1P
CompactFlash specification standard
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
Industrial CompactFlash
3-Jul-2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com