Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4448 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LL4448
Description  500mW High Speed SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4448 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LL4448 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4448 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4448 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LL4148/LL4448/LL914B
500mW High Speed SMD Switching Diode
Small Signal Diode
Electrical Characteristics
IR=100uA
IR=5uA
Forward Voltage
LL4448, LL914B
IF=5.0mA
LL4148
IF=50.0mA
LL4448, LL914B
IF=100.0mA
VR=20V
VR=75V
Junction Capacitance
VR=0, f=1.0MHz
Reverse Recovery Time (Note 3)
Notes:3. Reverse Recovery Test Conditions: I F=IR=10mA, RL=100Ω, IRR=1mA
Tape & Reel specification
178 ± 1
330 ± 1
55 Min
100Min
14.4max
Symbol
C
d
13.0 ± 0.20
1.75 ±0.10
8.00 ±0.30
D1
1.50 ± 0.10
0.23±0.005
Item
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
1.83 ±0.10
3.73 ±0.10
1.80 ±0.10
D2
D
A
B
3.50 ±0.05
F
P0
Overall tape thickness
T
Punch hole position
Sprocke hole pitch
Embossment center
4.00 ±0.10
2.00 ±0.05
Trr
4.0
Reel width
W1
P1
Tape width
W
E
ns
1.0
Reverse Leakage Current
IR
25
5.0
VF
CJ
0.62
0.72
pF
4.0
1.0
Reverse Breakdown Voltage
V(BR)
100
75
Symbol
Min
Max
Units
Dimension(mm)
μA
nA
V
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
V
Type Number
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
Direction of Feed
T
C
d
P1
P0
A
B
F
W
E
W1
D1
D2
D
Version : G12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com