Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF835CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF835CT
Description  8.0 AMPS. Isolated Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF835CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF835CT_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF835CT_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF835CT_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBRF835CT ITO-220AB
50 / TUBE
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
MBRF
835
CT
MBRF
845
CT
MBRF
850
CT
MBRF
860
CT
MBRF
890
CT
MBRF
8100
CT
MBRF
8150
CT
Unit
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IF(AV)
A
RθjC
OC/W
TJ
OC
TSTG
OC
MBRF835CT - MBRF8150CT
8.0 AMPS. Isolated Schottky Barrier Rectifiers
ITO-220AB
Features
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Metal silicon junction, majority carrier conduction
High surge capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering guaranteed:
260℃/10 seconds, at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Case:ITO-220AB molded plastic body
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Polarity: As marked
Mounting position:Any
Mounting torque: 5 in. - lbs, max
Weight: 1.74 grams
Parameter
Maximum Repetitive Peak Reverse Voltage
Packing code
C0
0.95
V
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
8
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
150
mA
15
10
5
A
Maximum Instantaneous Forward Voltage (Note 1)
IF=4A, TA=25℃
VF
0.55
0.70
0.85
6
Operating Temperature Range
- 65 to + 150
Storage Temperature Range
- 65 to + 150
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
0.1
Note 1: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Version:G12
Ordering Information
Part No.
Package
Packing
Packing code
(Green)
C0G
Typical Thermal Resistance Per Leg


Similar Part No. - MBRF835CT_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF835CT TSC-MBRF835CT_11 Datasheet
187Kb / 2P
8.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF835CT TSC-MBRF835CT_14 Datasheet
224Kb / 4P
Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRF835CT_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAS890 TSC-SRAS890 Datasheet
90Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
MBRF835CT TSC-MBRF835CT Datasheet
316Kb / 2P
Isolated 8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_1 Datasheet
163Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_1 Datasheet
185Kb / 2P
Isolated 8.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR820 YANGJIE-SR820 Datasheet
748Kb / 2P
8.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRA820 TSC-SRA820_09 Datasheet
218Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
MBRF835CT TSC-MBRF835CT_11 Datasheet
187Kb / 2P
8.0 AMPS. Isolated Schottky Barrier Rectifiers
SR802 TSC-SR802_10 Datasheet
567Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_10 Datasheet
622Kb / 2P
Isolated 8.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com