Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1535CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF1535CT
Description  15.0 AMPS. Isolated Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF1535CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF1535CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF1535CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF1535CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBRF1535CT
ITO-220AB
50 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
MBRF
1535
CT
MBRF
1545
CT
MBRF
1550
CT
MBRF
1560
CT
MBRF
1590
CT
MBRF
15100
CT
MBRF
15150
CT
Unit
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IF(AV)
A
IRRM
A
0.95
0.92
-
-
dV/dt
V/us
RθjC
OC/W
TJ
OC
TSTG
OC
Packing code
Packing code
(Green)
Storage Temperature Range
- 65 to + 150
Note 1: 2.0uS Pulse Width, f=1.0KHz
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Version:G12
C0G
Voltage Rate of Change (Rated VR)
10000
Typical Thermal Resistance Per Leg
3.5
--
0.72
Operating Temperature Range
- 65 to + 150
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
0.5
0.3
0.1
Maximum Instantaneous Forward Voltage (Note 2)
IF=7.5A, TA=25℃
IF=7.5A, TA=125℃
IF=15A, TA=25℃
IF=15A, TA=125℃
VF
mA
10
7.5
5
0.65
V
-
0.75
0.92
0.57
A
--
0.82
0.84
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
1
0.5
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
15
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20KHz)
IFRM
15
Polarity: As marked
Mounting position:Any
Mounting torque: 5 in. - lbs, max
Weight: 1.75 grams
Parameter
Maximum Repetitive Peak Reverse Voltage
Ordering Information (example)
Part No.
Package
Packing
High surge capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering guaranteed:
260℃/10 seconds, at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Case:ITO-220AB molded plastic body
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
MBRF1535CT - MBRF15150CT
15.0 AMPS. Isolated Schottky Barrier Rectifiers
ITO-220AB
Features
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Metal silicon junction, majority carrier conduction


Similar Part No. - MBRF1535CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1535CT GE-MBRF1535CT Datasheet
118Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Vishay Siliconix
MBRF1535CT VISHAY-MBRF1535CT Datasheet
55Kb / 3P
Dual Schottky Barrier Rectifier
01-Jul-02
logo
Taiwan Semiconductor Co...
MBRF1535CT TSC-MBRF1535CT Datasheet
117Kb / 2P
Isolation 15.0 AMPS. Schottky Barrier Rectifiers
MBRF1535CT TSC-MBRF1535CT Datasheet
333Kb / 2P
Isolated 15.0 AMPS. Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBRF1535CT BILIN-MBRF1535CT Datasheet
336Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF1535CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR1560CT TSC-MBR1560CT Datasheet
174Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBRS1535CT TSC-MBRS1535CT Datasheet
74Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT Datasheet
245Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_1 Datasheet
99Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBRF1535CT TSC-MBRF1535CT_1 Datasheet
333Kb / 2P
Isolated 15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_10 Datasheet
483Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBRF1535CT TSC-MBRF1535CT_11 Datasheet
192Kb / 2P
15.0 AMPS. Isolated Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_11 Datasheet
202Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
SK15H45 TSC-SK15H45 Datasheet
125Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR1590CT KERSEMI-MBR1590CT Datasheet
967Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com