Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF3035CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF3035CT
Description  30.0 AMPS. Isolated Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF3035CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF3035CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF3035CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF3035CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBRF3035CT
ITO-220AB 50 / TUBE
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
MBRF
3035
CT
MBRF
3045
CT
MBRF
3050
CT
MBRF
3060
CT
MBRF
3090
CT
MBRF
30100
CT
MBRF
30150
CT
MBRF
30200
CT
Unit
VRRM
35
45
50
60
90
100
150
200
V
VRMS
24
31
35
42
63
70
105
140
V
VDC
35
45
50
60
90
100
150
200
V
IF(AV)
A
IRRM
A
dV/dt
V/us
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Version:J12
Ordering Information (example)
Part No.
Package
Packing
Packing code
(Green)
C0G
Operating Temperature Range
- 65 to + 150
Storage Temperature Range
- 65 to + 150
Note 1: 2.0uS Pulse Width, f=1.0KHz
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Typical Junction Capacitance
580
480
360
Typical Thermal Resistance Per Leg
4
mA
20
15
10
Voltage Rate of Change (Rated VR)
10000
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
0.2
Maximum Instantaneous Forward Voltage (Note 2)
IF=15A, TA=25℃
IF=15A, TA=125℃
IF=30A, TA=25℃
IF=30A, TA=125℃
VF
V
0.70
0.75
0.84
0.95
0.60
0.65
0.70
0.80
0.82
0.90
0.94
1.05
0.73
0.78
0.82
0.92
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
200
A
Peak Repetitive Reverse Surge Current (Note 1)
1
0.5
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
30
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20KHz)
IFRM
30
Polarity: As marked
Mounting position:Any
Mounting torque: 5 in. - lbs, max
Weight: 1.69 grams
Parameter
Maximum Repetitive Peak Reverse Voltage
C0
Packing code
High surge capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering guaranteed:
260℃/10 seconds, at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Case:ITO-220AB molded plastic body
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
MBRF3035CT - MBRF30200CT
30.0 AMPS. Isolated Schottky Barrier Rectifiers
ITO-220AB
Features
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Metal silicon junction, majority carrier conduction


Similar Part No. - MBRF3035CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF3035CT VISHAY-MBRF3035CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
Taiwan Semiconductor Co...
MBRF3035CT TSC-MBRF3035CT Datasheet
250Kb / 2P
Isolated 30.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF3035CT VISHAY-MBRF3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
logo
Silicon Standard Corp.
MBRF3035CT SSC-MBRF3035CT Datasheet
285Kb / 5P
Dual Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF3035CT TSC-MBRF3035CT Datasheet
180Kb / 2P
30.0 AMPS. Isolated Schottky Barrier Rectifiers
More results

Similar Description - MBRF3035CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR3020PT TSC-SR3020PT Datasheet
98Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_1 Datasheet
357Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT Datasheet
111Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_1 Datasheet
321Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBRF3035CT TSC-MBRF3035CT Datasheet
250Kb / 2P
Isolated 30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_10 Datasheet
490Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBRF30L120CT TSC-MBRF30L120CT Datasheet
574Kb / 2P
Isolated 30.0 AMPS. Low VF Schottky Barrier Rectifiers
MBRF3035CT TSC-MBRF3035CT_11 Datasheet
180Kb / 2P
30.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR3090CT KERSEMI-MBR3090CT Datasheet
818Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com