Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTP-628WSL100/200-R Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # FTP-628WSL100/200-R
Description  Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FTP-628WSL100/200-R Datasheet(HTML) 8 Page - fujitsu semiconductor

  FTP-628WSL100/200-R Datasheet HTML 1Page - fujitsu semiconductor FTP-628WSL100/200-R Datasheet HTML 2Page - fujitsu semiconductor FTP-628WSL100/200-R Datasheet HTML 3Page - fujitsu semiconductor FTP-628WSL100/200-R Datasheet HTML 4Page - fujitsu semiconductor FTP-628WSL100/200-R Datasheet HTML 5Page - fujitsu semiconductor FTP-628WSL100/200-R Datasheet HTML 6Page - fujitsu semiconductor FTP-628WSL100/200-R Datasheet HTML 7Page - fujitsu semiconductor FTP-628WSL100/200-R Datasheet HTML 8Page - fujitsu semiconductor FTP-628WSL100/200-R Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FTP-628WSL100 /200-R Series
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141 8630, Japan
Tel:(81-3)5449-7010
Fax:(81-3)5449-2626
Email:promothq@fcl.fujitsu.com
Web:www.fcl.fujitsu.com
north and South america
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel:(1-408)745-4900
Fax:(1-408)745-4970
Email:components@us.fujitsu.com
Web:http://us.fujitsu.com/components/
europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel:(31-23)5560910
Fax:(31-23)5560950
Email:info@fceu.fujitsu.com
Web:emea.fujitsu.com/components/
AsiaPacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#01-01 Citilink Warehouse Complex
Singapore 118529
Tel:(65)6375-8560
Fax:(65)6273-3021
Email:fcal@fcal.fujitsu.com
Web:http://www.fujitsu.com/sg/services/micro/components/
FujitsuComponentsInternationalHeadquarterOffices
©2012 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveour
productsFujitsuComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice.
Rev. December 14, 2012.
Command
Contents
GS k + m + n + k1 + k2 + k3 + k4
Barcode (GS1 DataBar) setting
GS (A + ETX +n
Bluetooth link time setting
GS (A + ACK +m+n
Bluetooth security mode setting
GS (A + BS +n+d1 to dn
Bluetooth PIN code setting
GS (A + HT +n+d1 to dn
Bluetooth device name setting
GS (A + ENQ
Bluetooth, information printing (WSL110 only)
Commands continued



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com