Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLIT15BF1M6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST7FLIT15BF1M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLIT15BF1M6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST7FLIT15BF1M6 Datasheet HTML 5Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 6Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 7Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 8Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 9Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 10Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 11Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 12Page - STMicroelectronics ST7FLIT15BF1M6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 159 page
background image
ST7LITE1xB
9/159
3 REGISTER & MEMORY MAP
As shown in Figure 5, the MCU is capable of ad-
dressing 64K bytes of memories and I/O registers.
The available memory locations consist of 128
bytes of register locations, 256 bytes of RAM, 128
bytes of data EEPROM and up to 4 Kbytes of flash
program memory. The RAM space includes up to
128 bytes for the stack from 180h to 1FFh.
The highest address bytes contain the user reset
and interrupt vectors.
The Flash memory contains two sectors (see Fig-
ure 5) mapped in the upper part of the ST7 ad-
dressing space so the reset and interrupt vectors
are located in Sector 0 (F000h-FFFFh).
The size of Flash Sector 0 and other device op-
tions are configurable by Option byte (refer to sec-
tion 15.1 on page 149).
IMPORTANT: Memory locations marked as “Re-
served” must never be accessed. Accessing a re-
served area can have unpredictable effects on the
device.
Figure 5. Memory Map
0000h
RAM
Flash Memory
(2K or 4K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
0FFFh
(see Table 2)
1000h
107Fh
FFE0h
FFFFh
(see Table 5)
0180h
Reserved
017Fh
Short Addressing
RAM (zero page)
0080h
00FFh
(128 Bytes)
Data EEPROM
(128 Bytes)
F000h
1080h
EFFFh
Reserved
FFDFh
128 Bytes Stack
0100h
017Fh
1 Kbyte
3 Kbytes
(SECTOR 1)
(SECTOR 0)
4K FLASH
FFFFh
FC00h
FBFFh
F000h
PROGRAM MEMORY
DEE0h
RCCRH1
RCCRL1
see section 7.1 on page 23
00FFh
01FFh
0100h
Reserved
RAM
(128 Bytes)
Reserved
0200h
0180h
01FFh
DEE1h
DEE2h
RCCRH0
RCCRL0
DEE3h
1 Kbyte
1 Kbyte
(SECTOR 1)
(SECTOR 0)
2K FLASH
FFFFh
FC00h
FBFFh
F800h
PROGRAM MEMORY
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com