Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU6N65K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STU6N65K3
Description  N-channel 650 V, 1.1 ohm typ., 5.4 A SuperMESH3 Power MOSFET in TO-220FP, I PAKFP, IPAK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU6N65K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STU6N65K3 Datasheet HTML 1Page - STMicroelectronics STU6N65K3 Datasheet HTML 2Page - STMicroelectronics STU6N65K3 Datasheet HTML 3Page - STMicroelectronics STU6N65K3 Datasheet HTML 4Page - STMicroelectronics STU6N65K3 Datasheet HTML 5Page - STMicroelectronics STU6N65K3 Datasheet HTML 6Page - STMicroelectronics STU6N65K3 Datasheet HTML 7Page - STMicroelectronics STU6N65K3 Datasheet HTML 8Page - STMicroelectronics STU6N65K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STF6N65K3, STFI6N65K3, STU6N65K3
Electrical ratings
Doc ID 18424 Rev 2
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220FP
I²PAKFP
IPAK
VDS
Drain-source voltage
650
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
5.4 (1)
1.
Limited by package
5.4
A
ID
Drain current (continuous) at TC = 100 °C
3(1)
3A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
21.6 (1)
21.6
A
PTOT
Total dissipation at TC = 25 °C
30
110
W
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
5.4
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
100
mJ
ESD
Gate-source human body model
(C = 100 pF, R = 1.5 k
Ω)
2.5
kV
dv/dt (3)
3.
ISD ≤ 5.4 A, di/dt ≤ 400 A/µs, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
12
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220FP
I²PAKFP
IPAK
Rthj-case Thermal resistance junction-case max
4.17
1.14
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com