Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F3P3 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM8S103F3P3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3P3 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM8S103F3P3 Datasheet HTML 98Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 99Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 100Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 101Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 102Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 103Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 104Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 105Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 113 page
background image
Ordering information
13
Figure 52: STM8S103x access line ordering information scheme
Pin count
K = 32 pins
F = 20 pins
Example:
Sub-family type
10x = Access line
103 sub-family
Family type
S = Standard
Temperature range
3 = -40 °C to 125 °C
6 = -40 °C to 85 °C
Program memory size
3 = 8 Kbytes
2 = 4 Kbytes
Packing
No character = Tray or tube
TR = Tape and reel
Package type 2
Blank = UFQFPN
STM8
S
103
K
3
T
6
TR
Product class
STM8 microcontroller
Package type 1
P = TSSOP
T = LQFP
U = UFQFPN
M = SO
1. A dedicated ordring information scheme will be released if, in the future, memory
programming service (FastROM) is required The letter "P" will be added after STM8S.
Three unique letters identifying the customer application code will also be visible in the
codification. Example: STM8SP103K3MACTR.
For a list of available options (e.g. memory size, package) and orderable part numbers or for
further information on any aspect of this device, please go to www.st.com or contact the ST
Sales Office nearest to you.
DocID15441 Rev 6
102/113
STM8S103K3 STM8S103F3 STM8S103F2
Ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com