Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F3P3 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM8S103F3P3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3P3 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM8S103F3P3 Datasheet HTML 43Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 44Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 45Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 46Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 47Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 48Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 49Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 50Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
Unique ID
9
The devices feature a 96-bit unique device identifier which provides a reference number that
is unique for any device and in any context. The 96 bits of the identifier can never be altered
by the user.
The unique device identifier can be read in single bytes and may then be concatenated using
a custom algorithm.
The unique device identifier is ideally suited:
• For use as serial numbers
• For use as security keys to increase the code security in the program memory while using
and combining this unique ID with software cryptograhic primitives and protocols before
programming the internal memory.
• To activate secure boot processes
Table 15: Unique ID registers (96 bits)
Unique ID bits
Content
description
Address
0
1
2
3
4
5
6
7
U_ID[7:0]
X co-ordinate
on the wafer
0x4865
U_ID[15:8]
0x4866
U_ID[23:16]
Y co-ordinate
on the wafer
0x4867
U_ID[31:24]
0x4868
U_ID[39:32]
Wafer number
0x4869
U_ID[47:40]
Lot number
0x486A
U_ID[55:48]
0x486B
U_ID[63:56]
0x486C
U_ID[71:64]
0x486D
U_ID[79:72]
0x486E
U_ID[87:80]
0x486F
U_ID[95:88]
0x4870
47/113
DocID15441 Rev 6
Unique ID
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com