Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F3P3 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM8S103F3P3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3P3 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM8S103F3P3 Datasheet HTML 105Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 106Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 107Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 108Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 109Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 110Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 111Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 112Page - STMicroelectronics STM8S103F3P3 Datasheet HTML 113Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 110 / 113 page
background image
Revision history
15
Table 58: Document revision history
Changes
Revision
Date
Initial revision
1
02-Mar-2009
Added Table 2: Peripheral clock gating bit assignments in
CLK_PCKENR1/2 registers.
2
10-Apr-2009
Updated Auto wakeup counter.
Modified description of PB4 and PB5 (removed X in PP column)
and added footnote concerning HS I/Os in VFQFPN32/LQFP32
pin description and STM8S103Kx UFQFPN32/LQFP32 pinout
and pin description.
Removed TIM3 and UART from Table 10: Interrupt mapping.
Updated VCAP specifications in VCAP external capacitor.
Corrected block size in Table 37: Flash program memory/data
EEPROM memory.
Updated Electrical characteristics.
Updated Table 57: Thermal characteristics.
Document status changed from “preliminary data” to
“datasheet”.
3
10-Jun-2009
Replaced WFQFPN20 package with UFQFPN package.
Replaced ‘VFQFN’ with ‘VFQFPN’.
Added bullet point on the unique identifier to Features.
Updated Auto wakeup counter.
Updated wpu and PP status of PB5/12C_SDA and
PB4/12C_SCL pins in VFQFPN32/LQFP32 pin description and
STM8S103Fx TSSOP20/SO20/UFQFPN20 pin description.
Removed Table 7: Pin-to-pin comparison of pin 7 to 12 in 32-pin
access line devices.
Updated Figure 6: Memory map.
Updated reset status of port D CR1 register in Table 7: I/O port
hardware register map.
Updated alternate function remapping descriptions in Table
13: STM8S103K alternate function remapping bits for 32-pin
devices and Table 14: STM8S103F alternate function
remapping bits for 20-pin devices.
Added Unique ID.
DocID15441 Rev 6
110/113
STM8S103K3 STM8S103F3 STM8S103F2
Revision history



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com