Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822-EP Datasheet(PDF) 13 Page - Analog Devices

Part # AD822-EP
Description  Sinle-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822-EP Datasheet(HTML) 13 Page - Analog Devices

Back Button AD822-EP Datasheet HTML 9Page - Analog Devices AD822-EP Datasheet HTML 10Page - Analog Devices AD822-EP Datasheet HTML 11Page - Analog Devices AD822-EP Datasheet HTML 12Page - Analog Devices AD822-EP Datasheet HTML 13Page - Analog Devices AD822-EP Datasheet HTML 14Page - Analog Devices AD822-EP Datasheet HTML 15Page - Analog Devices AD822-EP Datasheet HTML 16Page - Analog Devices AD822-EP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD822-EP
Rev. 0 | Page 13 of 20
FREQUENCY (Hz)
100
–20
80
60
40
20
0
10
10M
100
1k
10k
100k
1M
100
–20
80
60
40
20
0
PHASE
GAIN
CL = 100pF
RL = 2kΩ
Figure 16. Open-Loop Gain and Phase Margin vs. Frequency
FREQUENCY (Hz)
1k
100
100
10M
1k
10k
100k
1M
10
1
0.1
0.01
ACL = +1
VS = ±15V
Figure 17. Output Impedance vs. Frequency
SETTLING TIME (µs)
16
12
–16
05
1
234
0
–4
–8
–12
8
4
ERROR
1%
0.1%
1%
0.01%
0.01%
Figure 18. Output Swing and Error vs. Settling Time
90
80
0
40
30
20
10
60
50
70
FREQUENCY (Hz)
10M
100
1k
10k
100k
1M
10
VS = ±15V
VS = 0V, +5V
VS = 0V, +3V
Figure 19. Common-Mode Rejection vs. Frequency
+125°C
–55°C
+25°C
POSITIVE
RAIL
NEGATIVE
RAIL
COMMON-MODE VOLTAGE FROM SUPP LY RAILS (V)
5
4
0
–1
3
3
2
1
–55°C
+125°C
2
1
0
Figure 20. Absolute Common-Mode Error vs. Common-Mode Voltage from
Supply Rails (VS − VCM)
LOAD CURRENT (mA)
1000
100
0
0.001
100
0.01
0.1
1
10
10
VS – VOH
VOL – VS
Figure 21. Output Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com