Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM-5895B Datasheet(PDF) 2 Page - AAEON Technology

Part # PCM-5895B
Description  AMD Geode??LX800 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PCM-5895B Datasheet(HTML) 2 Page - AAEON Technology

  PCM-5895B Datasheet HTML 1Page - AAEON Technology PCM-5895B Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-12
Dimension
Unit: mm
PCM-5895 Rev. B
Optional Accessories
TF-PER-K004
Cable Kit for PCM-5895 Rev.B
TF-PCM-FA00-A10
PC/104 Board Plus to Mini PCI Module Converter
Ordering Information
Part Number
CPU
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp
TF-PCM-5895-B10
AMD Geode™
LX800
Fanless
CRT + LVDS
CRT + TTL
18b, 1CH
IDE x 1
CompactFlash™ x 1
FE x 2
4
3
1
PCI x 1
ATX
0°C ~ 60°C
TF-PCM-5895-B10-01
AMD Geode™
LX800
Fanless
CRT + LVDS
CRT + TTL
24b, 1CH
IDE x 1
CompactFlash™ x 1
FE x 2
4
3
1
PCI x 1
ATX
0°C ~ 60°C
TF-PCM-5895-B10-02
AMD Geode™
LX800
Fanless
CRT + LVDS
CRT + TTL
18b, 1CH
IDE x 1
CompactFlash™ x 1
FE x 2
4
3
1
PCI x 1
PC/104+ x 1
CAN Bus x 2
ATX
0°C ~ 60°C
TF-PCM-5895-B10-03
AMD Geode™
LX800
Fanless
CRT + LVDS
CRT + TTL
24b, 1CH
IDE x 1
CompactFlash™ x 1
FE x 2
4
3
1
PCI x 1
PC/104+ x 1
CAN Bus x 2
ATX
0°C ~ 60°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com